Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDX-GJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDX-GJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-GJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDX-GJS Datasheet HTML 1Page - DOMINANT Semiconductors DDX-GJS Datasheet HTML 2Page - DOMINANT Semiconductors DDX-GJS Datasheet HTML 3Page - DOMINANT Semiconductors DDX-GJS Datasheet HTML 4Page - DOMINANT Semiconductors DDX-GJS Datasheet HTML 5Page - DOMINANT Semiconductors DDX-GJS Datasheet HTML 6Page - DOMINANT Semiconductors DDX-GJS Datasheet HTML 7Page - DOMINANT Semiconductors DDX-GJS Datasheet HTML 8Page - DOMINANT Semiconductors DDX-GJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
31/05/2010 V6.0
2
DDR-GJS-LM2-1
DDR-GJS-MN2-1
DDO-GJS-LM2-1
DDY-GJS-LM2-1
DDG-GJS-LM2-1
DDG-GJS-MN2-1
Red, 625nm
Red, 625nm
Orange, 605nm
Yellow, 587nm
Green, 570nm
Green, 570nm
120
120
120
120
120
120
11.2
18.0
11.2
11.2
11.2
18.0
Gap : DDx-GJS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminous intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
5. An optional Vf binning is also available upon request. Binning scheme is as per following table.
DOMINANT
Opto Technologies
Innovating Illumination
TM
Optical Characteristics at Tj=25˚C
Min.
Typ.
Max.
18.0
28.5
18.0
18.0
18.0
28.5
28.5
45.0
28.5
28.5
28.5
45.0
Typ. (V)
Vf @ If = 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10µA
Min(V)
Chip Type
GaP
2.2
2.6
5
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD Thereshold (HBM)
LED juction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
30
500
5
2
100
-40 … +100
-40 … +100
75
mA
mA
V
kV
˚C
˚C
˚C
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com