Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8580 Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM8580 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 23Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—21
Periodic interrupt mode (TI/TP = 1)
When TIE is 1 and a timer interrupt event occurs (TF bit is set to 1), TIRQN goes LOW. If TIE is 0, however,
TIRQN is in a high-impedance state, and the TF bit remains set to 1.
The auto-return time (tRTN), shown in the following figure and table, is determined by the source clock fre-
quency set by register D in bank 1 bits FD3 and FD4.
Source clock
A uto-return time (tRTN)
4096Hz
0.122ms
64Hz
7.81ms
1 H z
7.81ms
1/60Hz
7.81ms
TIE bit
TIRQN pin
TF bit
"0"
"1"
"0"
"1"
Auto-return
tRTN
Setting TF bit to "0".
Interrupt is active.
Hi-Z
"L" level
Source CLK
Auto return time (
tRTN)
TIRQN pin
Interrupt cycle
"0"
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com