Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDX-HJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDX-HJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-HJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDX-HJS Datasheet HTML 1Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 2Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 3Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 4Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 5Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 6Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 7Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 8Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
18/06/2012 V6.0
2
DDT-HJS-VW1-1
DDT-HJS-V2W-1
DDB-HJS-TU1-1
DDB-HJS-S2T-1
True Green
True Green
Blue
Blue
120
120
120
120
715.0
900.0
285.0
224.0
InGaN : DDx-HJS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Color binning is carried for all units as per the color-binning table. Only once color groyp is allowed for each reel.
Vf @ If = 20mA
Forward voltage are measured using a current pulse of 1 ms and with an accuracy of ± 0.1 V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DDx-HJS
3.6
5
Typ. (V)
3.2
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage; Ir (max) = 10uA
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
20
100
5
2000
125
-40 … +100
-40 … +100
80
340
180
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
Min.
Typ.
Max.
1125.0
1400.0
425.0
355.0
1400.0
1800.0
560.0
450.0
Optical Characteristics at Tj=25˚C
Min. (V)
2.9
DOMINANT
Opto Technologies
Innovating Illumination
TM
Not for new design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com