Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSF3N02HD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTSF3N02HD
Description  N?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTSF3N02HD Datasheet(HTML) 1 Page - ON Semiconductor

  MTSF3N02HD Datasheet HTML 1Page - ON Semiconductor MTSF3N02HD Datasheet HTML 2Page - ON Semiconductor MTSF3N02HD Datasheet HTML 3Page - ON Semiconductor MTSF3N02HD Datasheet HTML 4Page - ON Semiconductor MTSF3N02HD Datasheet HTML 5Page - ON Semiconductor MTSF3N02HD Datasheet HTML 6Page - ON Semiconductor MTSF3N02HD Datasheet HTML 7Page - ON Semiconductor MTSF3N02HD Datasheet HTML 8Page - ON Semiconductor MTSF3N02HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 6
1
Publication Order Number:
MTSF3N02HD/D
MTSF3N02HD
Preferred Device
Power MOSFET
3 Amps, 20 Volts
N−Channel Micro8t
These Power MOSFET devices are capable of withstanding high
energy in the avalanche and commutation modes and the drain−to−source
diode has a very low reverse recovery time. Micro8 devices are designed
for use in low voltage, high speed switching applications where power
efficiency is important. Typical applications are dc−dc converters, and
power management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be used
for low voltage motor controls in mass storage products such as disk
drives and tape drives. The avalanche energy is specified to eliminate the
guesswork in designs where inductive loads are switched and offer
additional safety margin against unexpected voltage transients.
• Miniature Micro8 Surface Mount Package − Saves Board Space
• Extremely Low Profile (<1.1mm) for thin applications such as
PCMCIA cards
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery
Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for Micro8 Package Provided
D
S
G
3 AMPERES
20 VOLTS
RDS(on) = 40 mW
1
8
Device
Package
Shipping
ORDERING INFORMATION
MTSF3N02HDR2
Micro8
4000 Tape & Reel
Micro8
CASE 846A
STYLE 1
http://onsemi.com
AC
MARKING
DIAGRAM
WW
WW
= Date Code
Source
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.
N−Channel


Similar Part No. - MTSF3N02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTSF3N02HD MOTOROLA-MTSF3N02HD Datasheet
235Kb / 12P
SINGLE TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS RDS(on) = 0.040 OHM
More results

Similar Description - MTSF3N02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com