Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-AJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DNX-AJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-AJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DNX-AJS Datasheet HTML 1Page - DOMINANT Semiconductors DNX-AJS Datasheet HTML 2Page - DOMINANT Semiconductors DNX-AJS Datasheet HTML 3Page - DOMINANT Semiconductors DNX-AJS Datasheet HTML 4Page - DOMINANT Semiconductors DNX-AJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-AJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-AJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-AJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-AJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
30/01/2014 V4.0
2
DNS-AJS-J2L1-1
DNA-AJS-K2M1-1
DNO-AJS-K2M1-1
DNY-AJS-K2M1-1
Super red, 632nm
Amber, 615nm
Orange, 605nm
Yellow, 587nm
120
120
120
120
5.60
9.00
9.00
9.00
AllnGaP : DNx-AJS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 2mA IV (mcd)
Optical Characteristics at Tj=25˚C
NOTE
1. All part number above comes in a quantity of 3000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Min.
Typ.
Max.
9.00
14.00
14.00
14.00
14.00
22.40
22.40
22.40
Typ. (V)
Vf @ If = 2mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DNx-AJS
1.95
2.2
1.7
Min. (V)
12
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current;
(tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
20
100
12
2000
125
-40 … +100
-40 … +100
40
580
330
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com