Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-UJS Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DNX-UJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-UJS Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DNX-UJS Datasheet HTML 1Page - DOMINANT Semiconductors DNX-UJS Datasheet HTML 2Page - DOMINANT Semiconductors DNX-UJS Datasheet HTML 3Page - DOMINANT Semiconductors DNX-UJS Datasheet HTML 4Page - DOMINANT Semiconductors DNX-UJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-UJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-UJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-UJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-UJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
InGaN : DNx-UJS
24/07/2015 V8.0
3
DOMINANT
Opto Technologies
Innovating Illumination
TM
Unit
Characteristics
Value
Temperature coefficient of
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of VF (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of IV (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
nm / K
Symbol
dom (typ)
dom (typ)
TC
-0.04
0.005
TCV
-3.7
-2.8
mV / K
TCIV
-0.17
-0.19
% / K
DNT-UJS
DNB-UJS
Part Number
DNT-UJS
DNB-UJS
DNT-UJS
DNB-UJS
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping at Tj=250C
Wavelength distribution (nm)
Color
DNT; True Green
DNB; Blue
Full
W
X
Y
Z
Full
W
X
Y
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
464 - 476
464 - 468
468 - 472
472 - 476
InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable
performance. Current pulsing should is used for dimming purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com