Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP1500 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # CP1500
Description  Excellent microprocessor control guarantees high reliability
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

CP1500 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  CP1500 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATION
Home, Office, Small Server
FEATURES
Digitalized PWM-based controller provides pure
sinewave output
Perfect power protection for servers, point-of-sales and
workstations
Excellent microprocessor control guarantees high
reliability
Boost and Buck AVR for voltage stabilization
Off-mode auto charging
Auto-restart while AC is recovering
C old start function
Built-in USB communication port and RJ-45 network
protection
PHASE (ONLY FOR ONLINE UPS)
Phase:
1-phase in / 1-phase out
INPUT
Capacity :
1500 VA / 1050 W
Voltage:
110/120 VAC or 220/230/240
VAC
Voltage Range:
81-145 VAC /162-290 VAC
F requency Range:
60/50 Hz (auto sensing)
OUTPUT
AC Voltage Regulation
(Batt. Mode) :
±10%
F requency Range
(Batt. Mode):
60 Hz or 50 Hz ±1 Hz
Transfer Time:
Typical 2 ~ 6 ms,
Wav eform
(Batt. Mode):
Pure Slin Wave
BATTERY
Battery Ty pe:
12 V/9 Ah
Battery Number:
2
Ty pical Recharge
Time:
6 hours recover to 90%
capacity
SAFETY STANDARD APPAOVAL
PROTECTION
F ull Protection:
Overload, Discharge, and
Overcharge Protection
PHYSICAL
Output Receptacles:
India, French, Schuko,
NEMA, and IEC ions
Dimension:
397mm(L) x 146mm(W) x
205mm(H)
Net Weight (kgs):
13.7
OPERATING ENVIRONMENT
Humidity :
0-90 % RH @ 0- 40°C
(non-condensing)
Noise Lev el:
Less than 55dB
MANAGEMENT
Optional USB/RS-232
Port:
Supports Windows®
2000/2003/XP/Vista/2008/7,
Linux, Unix, and MAC
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
UPS
CP 1500


Similar Part No. - CP1500

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP1500 PANJIT-CP1500 Datasheet
41Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CP1500 PANJIT-CP1500 Datasheet
68Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
logo
Jiangsu High diode Semi...
CP1500SC HDSEMI-CP1500SC Datasheet
1Mb / 5P
SMB Plastic-Encapsulate Diodes
More results

Similar Description - CP1500

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
CHAMP_TW_1K FSP-CHAMP_TW_1K Datasheet
152Kb / 1P
Microprocessor control optimizes reliability
CHAMP_TW_2K FSP-CHAMP_TW_2K Datasheet
153Kb / 1P
Microprocessor control optimizes reliability
CHAMP_TW_3K FSP-CHAMP_TW_3K Datasheet
152Kb / 1P
Microprocessor control optimizes reliability
CP1000 FSP-CP1000 Datasheet
68Kb / 1P
Excellent microprocessor control guarantees high reliability
KNIGHT_TW_1.5K FSP-KNIGHT_TW_1.5K Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_1.5KL FSP-KNIGHT_TW_1.5KL Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_1K FSP-KNIGHT_TW_1K Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_1KL FSP-KNIGHT_TW_1KL Datasheet
67Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_2K FSP-KNIGHT_TW_2K Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
KNIGHT_TW_2KL FSP-KNIGHT_TW_2KL Datasheet
68Kb / 1P
Microprocessor control optimizes reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com