Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP650 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # EP650
Description  UPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

EP650 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  EP650 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATION
Home, Small Office, Internet Bar
FEATURES
Excellent microprocessor control guarantees high
reliability
Boost and buck AVR for voltage stabilization
Auto restart while AC is recovering
Simulated sine wave
Off-mode charging
C old start function
USB/RS-232 communication port and RJ-11 protection
PHASE (ONLY FOR ONLINE UPS)
Phase:
1-phase in / 1-phase out
INPUT
Capacity :
650 VA / 360 W
Voltage:
110/120 VAC or 220/230/240
VAC
Voltage Range:
81-145 VAC / 162-290 VAC
F requency Range:
60/50 Hz (auto sensing)
OUTPUT
AC Voltage Regulation
(Batt. Mode) :
±10%
F requency Range
(Batt. Mode):
60 Hz or 50 Hz ±1 Hz
Transfer Time:
Typical 2 ~ 6 ms,
Wav eform
(Batt. Mode):
Simulated Sine Wave
BATTERY
Battery Ty pe:
12 V/7 Ah
Battery Number:
1
Ty pical Recharge
Time:
4-6 hours up to 90% capacity
SAFETY STANDARD APPAOVAL
PROTECTION
F ull Protection:
Overload, Discharge, and
Overcharge Protection
PHYSICAL
Output Receptacles:
India, French, Schuko,
NEMA, and IEC ions
Dimension:
287mm(L) x 110mm(W) x
142mm(H)
Net Weight (kgs):
4.25
OPERATING ENVIRONMENT
Humidity :
0-90 % RH @ 0- 40°C
(non-condensing)
Noise Lev el:
Less than 40dB
MANAGEMENT
Optional USB/RS-232
Port:
Support Windows
98/2000/2003/XP/Vista/2008,
Windows 7, Linux, and MAC 8
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
UPS
EP 650


Similar Part No. - EP650

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
EP65-12 BB-BATTERY-EP65-12 Datasheet
182Kb / 1P
VRLA Rechargeable Battery
More results

Similar Description - EP650

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS-UPS40 ALTECH-PS-UPS40 Datasheet
603Kb / 3P
40Amp UPS
logo
List of Unclassifed Man...
RBC2A ETC2-RBC2A Datasheet
477Kb / 2P
UPS Replacement Battery Cartridge for select APC UPS
logo
STMicroelectronics
UM0527 STMICROELECTRONICS-UM0527 Datasheet
1Mb / 66P
UPS evaluation board
18-Jul-2008
logo
PULS GmbH
UBC10.241 PULS-UBC10.241 Datasheet
1Mb / 23P
DC-UPS
UB20.241 PULS-UB20.241 Datasheet
887Kb / 31P
DC-UPS
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
DC-UPS
logo
Tripp Lite. All Rights ...
RBC48V-HGTWR TRIPPLITE-RBC48V-HGTWR Datasheet
159Kb / 2P
UPS Replacement Battery Cartridge Kit for SMART2500XLHG UPS
RBC7A TRIPPLITE-RBC7A Datasheet
163Kb / 2P
UPS Replacement Battery Cartridge for select APC UPS
logo
Beckhoff Automation Gmb...
CU8110-0120 BECKHOFF-CU8110-0120 Datasheet
112Kb / 3P
UPS component, capacitive
logo
Cornell Dubilier Electr...
UPS CDE-UPS Datasheet
531Kb / 2P
UPS Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com