Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPH6021 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CPH6021
Description  RF Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6021 Datasheet(HTML) 2 Page - ON Semiconductor

  CPH6021 Datasheet HTML 1Page - ON Semiconductor CPH6021 Datasheet HTML 2Page - ON Semiconductor CPH6021 Datasheet HTML 3Page - ON Semiconductor CPH6021 Datasheet HTML 4Page - ON Semiconductor CPH6021 Datasheet HTML 5Page - ON Semiconductor CPH6021 Datasheet HTML 6Page - ON Semiconductor CPH6021 Datasheet HTML 7Page - ON Semiconductor CPH6021 Datasheet HTML 8Page - ON Semiconductor CPH6021 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CPH6021
No. A1910-2/12
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=5V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
1.0
μA
DC Current Gain
hFE
VCE=5V, IC=50mA
60
150
Gain-Bandwidth Product
fT
VCE=5V, IC=30mA
8
10
GHz
Forward Transfer Gain
| S21e |
2
VCE=5V, IC=30mA, f=1GHz
10
14
dB
Noise Figure
NF
VCE=5V, IC=10mA, f=1GHz
1.2
1.8
dB
Notre) Pay attention to handling since it is liable to be affected by static electricity due to the high-frequency process adopted.
Ordering Information
Device
Package
Shipping
memo
CPH6021-TL-H
CPH6
3,000pcs./reel
Pb Free and Halogen Free
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- mA
hFE -- IC
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
IT16262
0
0.2
0.4
0.6
0.8
1.0
IT16263
IT16264
012
10
8
46
2
0
10
30
50
100
70
20
40
60
80
90
0
20
10
30
40
60
90
80
70
50
100
IB=0μA
100
μA
2
3
5
7
2
3
5
7
100
10
1000
3
25
7
1.0
10
3
25
7
100
VCE=5V
VCE=5V
7
2
5
3
7
2
5
3
1.0
0.1
10
3
25
100
0.1
73
25 7
1.0
3
25 7 10
f=1MHz
IT16265
200
μA
300μA
400μA
500
μA
600
μA
700
μA
800
μA
900
μA
1000μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com