Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP4371AACDR2G Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP4371AACDR2G
Description  3.0 HVDCP Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4371AACDR2G Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP4371AACDR2G Datasheet HTML 6Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 7Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 8Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 9Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 10Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 11Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 12Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 13Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
NCP4371
www.onsemi.com
13
Table 5. CURRENT LIMIT OPTION REFERENCE VOLTAGE
Current Limit Option
A
B
C
D
E
F
G
H
VREFC[mV]
14
17
22
28
33
38
44
57
Soft Short−Circuit Protection
In case of a short−circuit at the USB cable end or the
portable device USB receptacle it is desired to limit the short
circuit current to prevent a portable device or cable from a
damage. The NCP4371 offers an extended region of output
current limiting down to VBUS = 2.2 V. If the VBUS falls
below VCC(OFF) then the HVDCP logic is disabled and D+/−
pins are shorted. No further commands from the portable
device are accepted. The only feature enabled is the output
current limiting at the moment. The device stays in the
current limiting mode until VCC rises back above VCC(ON)
threshold. The device logic will resume its operation and
goes to a default BC1.2 compatible mode. A new negotiation
between the charger and portable device has to be carried out
in order to enable HVDCP compatibility mode.
Discharge
If voltage level lower than actual VBUS is requested by PD
the discharge circuitry discharges the output capacitors to
reach the new voltage level in a short time. As well, the
discharge circuitry is activated if cable unplug event is
detected. The NCP4371 features two discharge paths. By
default, the discharge is done via built−in regulated current
source at VCC pin. If the VCC pin discharge capability is not
sufficient an external discharge resistor RDIS has to be used.
The discharge resistor is wired from a positive pole of the
output capacitor to the DISCHARGE pin. The minimum
recommended value of the discharge resistor RDIS is 100
W.
The DISCHARGE pin has an internal protection for a case
the user wires the pin directly to VBUS. If this condition is
detected the discharge MOSFET at the pin is turned off. It
is highly recommended to use an external discharge resistor
always if Class B device is used. In case of Class A device
and COUT < 1500
mF the DISCHARGE pin can be left
disconnected.
Table 6. DEVICE OPTIONS
OPN #
NCP4371___DR2G
Marking
QuickCharge
Class A/B
Power Limit
Current Limit (mV)
A
B
A
B
C
A
B
C
D
E
F
G
H
Class A
Class B
Class A Class A&B No Power
Limit
14
17
22
28
33
38
44
57
NCP4371AACDR2G
4371AAC
X
X
X
NCP4371AAEDR2G
4371AAE
X
X
X
NCP4371AADDR2G
4371AAD
X
X
X
NCP4371ACCDR2G
4371ACC
X
X
X
NCP4371BBEDR2G
4371BBE
X
X
X
ORDERING INFORMATION
Device
Marking
Package
Shipping†
NCP4371AACDR2G
NCP4371AAEDR2G
NCP4371AADDR2G
NCP4371ACCDR2G
NCP4371BBEDR2G
4371AAC
4371AAE
4371AAD
4371ACC
4371BBE
SOIC−8
Pb−Free
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com