Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4926NET3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS4926NET3G
Description  Single N?묬hannel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4926NET3G Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS4926NET3G Datasheet HTML 1Page - ON Semiconductor NTMFS4926NET3G Datasheet HTML 2Page - ON Semiconductor NTMFS4926NET3G Datasheet HTML 3Page - ON Semiconductor NTMFS4926NET3G Datasheet HTML 4Page - ON Semiconductor NTMFS4926NET3G Datasheet HTML 5Page - ON Semiconductor NTMFS4926NET3G Datasheet HTML 6Page - ON Semiconductor NTMFS4926NET3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 1
1
Publication Order Number:
NTMFS4926NE/D
NTMFS4926NE
Power MOSFET
30 V, 44 A, Single N−Channel, SO−8 FL
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
Dual Sided Cooling Capability
Optimized for 5 V, 12 V Gate Drives
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
CPU Power Delivery
DC−DC Converters
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
15.5
A
TA = 100°C
9.8
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
2.70
W
Continuous Drain
Current RqJA ≤ 10 s
(Note 1)
TA = 25°C
ID
23.4
A
TA = 100°C
14.8
Power Dissipation
RqJA ≤ 10 s (Note 1)
TA = 25°C
PD
6.13
W
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
9.0
A
TA = 100°C
5.7
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
0.92
W
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
44
A
TC =100°C
28
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
21.6
W
Pulsed Drain
Current
TA = 25°C, tp = 10 ms
IDM
182
A
Current Limited by Package
TA = 25°C
IDmax
100
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
21
A
Drain to Source DV/DT
dV/dt
6.0
V/ns
Single Pulse Drain−to−Source Avalanche
Energy (TJ = 25°C, VDD = 24 V, VGS = 10 V,
IL = 21 Apk, L = 0.1 mH, RG = 25 W)
EAS
22
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
4926NE
AYWZZ
1
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
7.0 mW @ 10 V
44 A
12.0 mW @ 4.5 V
N−CHANNEL MOSFET
Device
Package
Shipping
ORDERING INFORMATION
NTMFS4926NET1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NTMFS4926NET3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
S
S
G
D
D
D
D
G (4)
S (1,2,3)
D (5,6)


Similar Part No. - NTMFS4926NET3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4926N ONSEMI-NTMFS4926N Datasheet
118Kb / 7P
Power MOSFET 30 V, 44 A, Single N?묬hannel, SO?? FL
May, 2012 ??Rev. 5
NTMFS4926NT1G ONSEMI-NTMFS4926NT1G Datasheet
118Kb / 7P
Power MOSFET 30 V, 44 A, Single N?묬hannel, SO?? FL
May, 2012 ??Rev. 5
NTMFS4926NT3G ONSEMI-NTMFS4926NT3G Datasheet
118Kb / 7P
Power MOSFET 30 V, 44 A, Single N?묬hannel, SO?? FL
May, 2012 ??Rev. 5
More results

Similar Description - NTMFS4926NET3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com