Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMPC24 Datasheet(PDF) 1 Page - Allied Components International

Part # AMPC24
Description  Axial Molded Power Chokes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AMPC24 Datasheet(HTML) 1 Page - Allied Components International

  AMPC24 Datasheet HTML 1Page - Allied Components International AMPC24 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• High Current
• Extended Temp Range
• Expanded Inductance Range
Electrical
Testing: Inductance Range: 1.0uH~
Tolerance:
Test Equipment
(L):HP 4263B LCR Meter
.
Physical
Packaging: 200 per bag
1000 per Reel
AMPC24-1R0L-RC
15
0.009
6.27
AMPC24-1R2L-RC
15
0.010
5.95
AMPC24-1R5L-RC
15
0.011
5.67
AMPC24-1R8L-RC
15
0.012
5.43
AMPC24-2R2L-RC
15
0.013
5.22
AMPC24-2R7L-RC
15
0.014
5.03
AMPC24-3R3L-RC
15
0.016
4.70
AMPC24-3R9L-RC
15
0.017
4.56
AMPC24-4R7L-RC
15
0.022
4.01
AMPC24-5R6L-RC
15
0.024
3.84
AMPC24-6R8L-RC
15
0.026
3.69
AMPC24-8R2L-RC
15
0.028
AMPC24-100L-RC
15
0.033
AMPC24-120L-RC
15
0.037
AMPC24-150L-RC
15
0.040
AMPC24-180L-RC
15
0.044
AMPC24-220L-RC
15
0.050
AMPC24-270L-RC
15
0.070
AMPC24-330L-RC
15
0.075
AMPC24-390L-RC
15
0.084
AMPC24-470L-RC
15
0.104
AMPC24-560L-RC
15
0.130
AMPC24-680L-RC
15
0.145
AMPC24-820L-RC
15
0.152
AMPC24-101L-RC
15
0.208
AMPC24-121L-RC
15
0.283
AMPC24-151L-RC
15
0.330
AMPC24-181L-RC
15
0.362
AMPC24-221L-RC
15
0.505
AMPC24-271L-RC
15
0.557
AMPC24-331L-RC
15
0.650
AMPC24-391L-RC
15
0.770
AMPC24-471L-RC
15
1.03
AMPC24-561L-RC
15
1.14
AMPC24-681L-RC
15
AMPC24-821L-RC
15
1.98
AMPC24-102L-RC
15
2.30
AMPC24-122L-RC
15
2.55
AMPC24-152L-RC
15
3.00
AMPC24-182L-RC
15
4.00
AMPC24-222L-RC
15
4.40
AMPC24-272L-RC
15
5.80
AMPC24-332L-RC
15
6.56
AMPC24-392L-RC
15
8.63
AMPC24-472L-RC
15
10.1
All specifications subject to change without notice.
Axial Molded Power Chokes
AMPC24
Allied
Part
Number
Rated
Current
(A)
Inductance
(
µh)
Tolerance
(%)
Saturation
Current
(A)
DCR
Max.
(
Ω)
20 AWG
0.74±0.010
(18.80±0.254)
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
NOMINAL
1.5
(38)
.
Marking: EIA Inductance Code
01/21/2015
15% over entire Inductance
range.
18000uH
Available in tighter tolerances
Test Frequency for (L) :1KHz, 1V
(IDC): CH301 Current Source and
DCR Meter
Operating Temp: -55ºC ~+125ºC
Current Rating: Based on a 5% drop in
(L) from initial value. Part temperature
should not exceed 125ºC
Measurements @ 20ºC
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
1.15
3.55
3.27
3.09
2.97
2.87
2.66
2.25
2.17
2.05
1.84
1.65
1.56
1.53
1.30
1.12
1.04
0.99
0.84
0.80
0.74
0.68
0.59
0.56
0.49
0.42
0.39
0.37
0.34
0.30
0.28
0.25
0.23
0.20
0.19
0.24±0.01
(6.10±0.003)
Dimensions:
Inches
(mm)
6.4
5.8
5.2
4.8
4.3
3.9
3.5
3.2
2.9
2.7
2.5
2.5
2.0
1.8
1.6
1.5
1.4
1.2
1.1
1.0
0.93
0.85
0.77
0.71
0.64
0.58
0.52
0.48
0.43
0.39
0.35
0.32
0.29
0.27
0.25
0.22
0.20
0.18
0.16
0.15
0.14
0.12
0.11
0.10
0.09


Similar Part No. - AMPC24

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AMPC20 ALLIED-AMPC20 Datasheet
743Kb / 1P
Axial Molded Power Chokes
AMPC20-100K-RC ALLIED-AMPC20-100K-RC Datasheet
745Kb / 1P
Axial Molded Power Chokes
AMPC20-100K-RC ALLIED-AMPC20-100K-RC Datasheet
743Kb / 1P
Axial Molded Power Chokes
AMPC20-101K-RC ALLIED-AMPC20-101K-RC Datasheet
745Kb / 1P
Axial Molded Power Chokes
AMPC20-101K-RC ALLIED-AMPC20-101K-RC Datasheet
743Kb / 1P
Axial Molded Power Chokes
More results

Similar Description - AMPC24

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AMPC20-3R9K-RC ALLIED-AMPC20-3R9K-RC Datasheet
745Kb / 1P
Axial Molded Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC Datasheet
817Kb / 1P
Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC Datasheet
738Kb / 1P
Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
Axial Power Chokes
AMPC20 ALLIED-AMPC20 Datasheet
743Kb / 1P
Axial Molded Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
Axial Power Chokes
APC40 ALLIED-APC40 Datasheet
384Kb / 1P
Axial Power Chokes
APC45 ALLIED-APC45 Datasheet
1Mb / 1P
Axial Molded Power Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com