Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC45 Datasheet(PDF) 1 Page - Allied Components International

Part # APC45
Description  Axial Molded Power Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

APC45 Datasheet(HTML) 1 Page - Allied Components International

  APC45 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Axial Leaded Power Chokes.
• Available in Bulk, Tape and Reel or
Ammo Pack.
•
Electrical
Inductance Range:15uh - 27uh, Available
Tolerance: 10% over entire inductance
Physical
Packaging: 200 pieces per tape and reel,
APC45-153K-RC
10
0.015
17.5
4.30
APC45-223K-RC
10
0.017
17.5
4.00
APC45-273K-RC
10
0.019
5.0
4.00
All specifications subject to change without notice.
Axial Molded Power Chokes
APC45
Allied
Part
Number
Irms
(A)
Inductance
(
µh)
Tolerance
(%)
Isat
(A)
DCR
Max.
(
Ω)
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Marking: With optional tubing parts marked
with EIA Inductance Code.
Revised 09/03/2015
NOMINAL
1.15
(29)
NOMINAL
1.15
(29)
0.938
(23.8)
0.863
(21.9)
from 3.9uh to 100mh
range. Available in tighter tolerances.
50 pieces per bag.
Test Frequency for (L): 15.5Khz, 0.1v
Operating Temp: -40ºC to + 85ºC
Isat: DC current at which the inductance drops
15
22
27
Dimensions:
Inches
(mm)
0.453
(11.5)
Available with Optional UL Shrink
Tubing.
10% typ from its initial value without
current.
Irms: DC current based on 300 circular mils
per Amp.
MLS: 1
Test Equipment
(L) & (Q): HP 4342A & HP4285A
DCR: CH301 Current Source and DCR
Meter.


Similar Part No. - APC45

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
APC40 ALLIED-APC40 Datasheet
384Kb / 1P
Axial Power Chokes
APC40-100K-RC ALLIED-APC40-100K-RC Datasheet
384Kb / 1P
Axial Power Chokes
APC40-101K-RC ALLIED-APC40-101K-RC Datasheet
384Kb / 1P
Axial Power Chokes
APC40-102K-RC ALLIED-APC40-102K-RC Datasheet
384Kb / 1P
Axial Power Chokes
APC40-103K-RC ALLIED-APC40-103K-RC Datasheet
384Kb / 1P
Axial Power Chokes
More results

Similar Description - APC45

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AMPC20-3R9K-RC ALLIED-AMPC20-3R9K-RC Datasheet
745Kb / 1P
Axial Molded Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC Datasheet
817Kb / 1P
Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC Datasheet
738Kb / 1P
Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
Axial Power Chokes
AMPC20 ALLIED-AMPC20 Datasheet
743Kb / 1P
Axial Molded Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
Axial Power Chokes
APC40 ALLIED-APC40 Datasheet
384Kb / 1P
Axial Power Chokes
AMPC24 ALLIED-AMPC24 Datasheet
605Kb / 2P
Axial Molded Power Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com