Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100307F Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100307F
Description  Low Power Quint Exclusive OR/NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100307F Datasheet(HTML) 4 Page - National Semiconductor (TI)

  100307F Datasheet HTML 1Page - National Semiconductor (TI) 100307F Datasheet HTML 2Page - National Semiconductor (TI) 100307F Datasheet HTML 3Page - National Semiconductor (TI) 100307F Datasheet HTML 4Page - National Semiconductor (TI) 100307F Datasheet HTML 5Page - National Semiconductor (TI) 100307F Datasheet HTML 6Page - National Semiconductor (TI) 100307F Datasheet HTML 7Page - National Semiconductor (TI) 100307F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND
Symbol
Parameter
T
C = −55˚C
T
C = +25˚C
T
C = +125˚C
Units
Conditions
Notes
Min
Max
Min
Max
Min
Max
t
PLH
Propagation Delay
0.30
2.10
0.40
1.90
0.40
2.40
ns
t
PHL
D
2a–D2e to O, O
t
PLH
Propagation Delay
0.30
1.90
0.40
1.80
0.40
2.20
ns
1, 2, 3
t
PHL
D
1a–D1e to O, O
Figures 1, 2
t
PLH
Propagation Delay
0.80
2.90
0.90
2.80
0.90
3.40
ns
t
PHL
Data to F
t
TLH
Transition Time
0.20
1.70
0.30
1.60
0.20
1.70
ns
4
t
THL
20% to 80%,80% to 20%
Note 7: F100K 300 Series cold temperature testing is performed by temperature soaking (to guarantee junction temperature equals −55˚C), then testing immediately
after power-up. This provides “cold start” specs which can be considered a worst case condition at cold temperatures.
Note 8: Screen tested 100% on each device at +25˚C temperature only, Subgroup A9.
Note 9: Sample tested (Method 5005, Table I) on each mfg. lot at +25˚C, Subgroup A9, and at +125˚C and −55˚C temperatures, Subgroups A10 and A11.
Note 10: Not tested at +25˚C, +125˚C, and −55˚C temperature (design characterization data).
Test Circuitry
DS100305-5
Notes:
VCC,VCCA = +2V, VEE = −2.5V
L1 and L2 = equal length 50
Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1 µF from GND to VCC and VEE
All unused outputs are loaded with 50
Ω to GND
CL = Fixture and stray capacitance ≤ 3pF
FIGURE 1. AC Test Circuit
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com