Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAW-PSC Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # MAW-PSC
Description  Super high brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MAW-PSC Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  MAW-PSC Datasheet HTML 1Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 2Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 3Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 4Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 5Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 6Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 7Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 8Page - DOMINANT Semiconductors MAW-PSC Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
03/03/2014 V2.0
2
100 InGaN White: MAW-PSC
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Flux @ 100mA (lm)
NOTE
1. Luminous intensity is measured with an accuracy of ± 11%.
2. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
3. High color rendering index (CRI). Minimum CRI of 80.
MAW-PSC-8Q8R-1
White
120
34.8
Electrical Characteristics at Tj=250C
Vf @ If = 100 mA
3.1
Forward Voltages are tested using a current pulse of 1 ms and has an accuracy of ± 0.1 V.
Part Number
Min. (V)
Typ. (V)
Max. (V)
MAW-FSC
2.7
3.3
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounted on dual sided FR4 in house PCB,
total Cu area >900mm2)
180
200
5
2000
150
-40 … +125
-40 … +125
90
18
mA
mA
V
V
˚C
˚C
˚C
K/W
K/W
Optical Characteristics at Tj=250C
Min.
Typ.
Max.
40.0
48.4
DOMINANT
Opto Technologies
Innovating Illumination
TM
Vr @ Ir = 10uA
Min. (V)
5
CRI
Typ.
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com