Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGF-WSG Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # NGF-WSG
Description  Super high brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NGF-WSG Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button NGF-WSG Datasheet HTML 4Page - DOMINANT Semiconductors NGF-WSG Datasheet HTML 5Page - DOMINANT Semiconductors NGF-WSG Datasheet HTML 6Page - DOMINANT Semiconductors NGF-WSG Datasheet HTML 7Page - DOMINANT Semiconductors NGF-WSG Datasheet HTML 8Page - DOMINANT Semiconductors NGF-WSG Datasheet HTML 9Page - DOMINANT Semiconductors NGF-WSG Datasheet HTML 10Page - DOMINANT Semiconductors NGF-WSG Datasheet HTML 11Page - DOMINANT Semiconductors NGF-WSG Datasheet HTML 12Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Recommended Solder Pad
11/03/2014 V3.0
DOMINANT Opto Technologies
23/02/12
PrimaxN4014 60 InGaN White NGW-FSG -pv2
Page 5 of 9
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Cx
0.2632
0.2679
0.2713
0.2666
Cy
0.2518
0.2467
0.2529
0.2580
Cx
0.2679
0.2726
0.2760
0.2713
Cy
0.2467
0.2416
0.2478
0.2529
Cx
0.2666
0.2713
0.2747
0.2700
Cy
0.2580
0.2529
0.2591
0.2642
Cx
0.2713
0.2760
0.2794
0.2747
Cy
0.2529
0.2478
0.2540
0.2591
Cx
0.2700
0.2747
0.2781
0.2734
Cy
0.2642
0.2591
0.2653
0.2704
Cx
0.2747
0.2794
0.2828
0.2781
Cy
0.2591
0.2540
0.2602
0.2653
Cx
0.2734
0.2781
0.2815
0.2768
Cy
0.2704
0.2653
0.2715
0.2766
Cx
0.2781
0.2828
0.2862
0.2815
Cy
0.2653
0.2602
0.2664
0.2715
Cx
0.2768
0.2815
0.2849
0.2802
Cy
0.2766
0.2715
0.2777
0.2828
Cx
0.2815
0.2862
0.2896
0.2849
Cy
0.2715
0.2664
0.2726
0.2777
1Q
2R
1R
1N
2P
1P
2Q
2M
1M
2N
Solder Pad Design.
60 InGaN Warm White: NGF-WSG
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com