Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSW-FSG Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # NSW-FSG
Description  Super high brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NSW-FSG Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  NSW-FSG Datasheet HTML 1Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 2Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 3Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 4Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 5Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 6Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 7Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 8Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Flux @ 150mA (lm)
NOTE
1. Luminous intensity is measured with an accuracy of ± 11%.
2. Color binning is carried for all units as per the wavelength-binning table. Only one color group is allowed for each reel.
NSW-FSG-R3S-1
White
120
45.2
Electrical Characteristics at Tj=250C
Vf @ If = 150 mA
3.3
Forward Voltages are tested using a current pulse of 1 ms and has an accuracy of ± 0.1 V.
Part Number
Min. (V)
Typ. (V)
Max. (V)
NSW-FSG
3.0
3.7
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounted on dual-sided FR4 in-house PCB with plated through
hole; total Cu area > 900mm2)
180
200
5
2000
125
-40 … +100
-40 … +100
90
25
mA
mA
V
V
˚C
˚C
˚C
K/W
K/W
Optical Characteristics at Tj=250C
Min.
Typ.
Max.
52.0
67.2
150 InGaN White: NSW-FSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
11/06/2013 V2.0
Vr @ Ir = 10 µA
5.0
Min. (V)
CRI
Typ.
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com