Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1545CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRF1545CT
Description  Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF1545CT Datasheet(HTML) 2 Page - ON Semiconductor

  MBRF1545CT Datasheet HTML 1Page - ON Semiconductor MBRF1545CT Datasheet HTML 2Page - ON Semiconductor MBRF1545CT Datasheet HTML 3Page - ON Semiconductor MBRF1545CT Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRF1545CT
http://onsemi.com
2
MAXIMUM RATINGS, PER LEG
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Forward Current
(Rated VR), TC = 105°C
Total Device
IF(AV)
7.5
15
Amps
Peak Repetitive Forward Current, TC = 105°C (Rated VR, Square Wave, 20 kHz) Per Diode
IFRM
15
Amps
Non−repetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
Amps
Peak Repetitive Reverse Surge Current (2.0 μs, 1.0 kHz)
IRRM
1.0
Amp
Operating Junction and Storage Temperature
TJ, Tstg
− 65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/μs
RMS Isolation Voltage (t = 1 second, R.H. ≤ 30%, TA = 25°C)(2)
Per Figure 3
Per Figure 4(1)
Per Figure 5
Viso1
Viso2
Viso3
4500
3500
1500
Volts
THERMAL CHARACTERISTICS, PER LEG
Maximum Thermal Resistance, Junction to Case
RθJC
4.1
°C/W
Lead Temperature for Soldering Purposes: 1/8″ from Case for 5 seconds
TL
260
°C
(1) UL Recognized mounting method is per Figure 4.
(2) Proper strike and creepage distance must be provided.
ELECTRICAL CHARACTERISTICS, PER LEG
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (3)
(iF = 15 Amp, TC = 25°C)
(iF = 15 Amp, TC = 125°C)
(iF = 7.5 Amp, TC = 125°C)
vF
0.84
0.72
0.57
Volts
Maximum Instantaneous Reverse Current (3)
(Rated DC Voltage, TC = 25°C)
(Rated DC Voltage, TC = 125°C)
iR
0.1
15
mA
(3) Pulse Test: Pulse Width = 300 μs, Duty Cycle ≤ 2.0%
0.7
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
VR, REVERSE VOLTAGE (VOLTS)
iF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
7.0
50
30
20
10
5.0
3.0
2.0
1.0
0.5
1.2
1.0
0.8
0.6
0.001
10
0
0.4
0.2
20
30
40
0.01
0.1
1.0
10
100
25°C
TJ = 125°C
TJ = 150°C
75°C
25°C
75°C
1005C
1255C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com