Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100321F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100321F
Description  Low Power 9-Bit Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100321F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100321F Datasheet HTML 1Page - National Semiconductor (TI) 100321F Datasheet HTML 2Page - National Semiconductor (TI) 100321F Datasheet HTML 3Page - National Semiconductor (TI) 100321F Datasheet HTML 4Page - National Semiconductor (TI) 100321F Datasheet HTML 5Page - National Semiconductor (TI) 100321F Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
100321
Low Power 9-Bit Inverter
General Description
The 100321 is a monolithic 9-bit inverter. The device con-
tains nine inverting buffer gates with single input and output.
All inputs have 50 k
Ω pull-down resistors.
Features
n 30% power reduction of the 100121
n 2000V ESD protection
n Pin/function compatible with 100121
n Voltage compensated operating range = −4.2V to −5.7V
n Available to MIL-STD-883
Logic Symbol
Pin Names
Description
D
1–D9
Data Inputs
O
1–O9
Data Outputs
Connection Diagrams
DS100309-1
24-Pin DIP
DS100309-2
24-Pin Quad Cerpak
DS100309-3
August 1998
© 1998 National Semiconductor Corporation
DS100309
www.national.com


Similar Part No. - 100321F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100321 FAIRCHILD-100321 Datasheet
65Kb / 6P
Low Power 9-Bit Inverter
100321PC FAIRCHILD-100321PC Datasheet
65Kb / 6P
Low Power 9-Bit Inverter
100321QC FAIRCHILD-100321QC Datasheet
65Kb / 6P
Low Power 9-Bit Inverter
100321QI FAIRCHILD-100321QI Datasheet
65Kb / 6P
Low Power 9-Bit Inverter
More results

Similar Description - 100321F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100322 NSC-100322 Datasheet
104Kb / 6P
Low Power 9-Bit Buffer
F100322 NSC-F100322 Datasheet
184Kb / 6P
Low Power 9-Bit Buffer
logo
Fairchild Semiconductor
100321 FAIRCHILD-100321 Datasheet
65Kb / 6P
Low Power 9-Bit Inverter
100322 FAIRCHILD-100322 Datasheet
64Kb / 6P
Low Power 9-Bit Buffer
logo
Micrel Semiconductor
SY100S321 MICREL-SY100S321 Datasheet
99Kb / 5P
LOW-POWER 9-BIT INVERTER
SY100S321 MICREL-SY100S321_06 Datasheet
87Kb / 6P
LOW-POWER 9-BIT INVERTER
logo
NXP Semiconductors
74AUP1G04 NXP-74AUP1G04 Datasheet
101Kb / 18P
Low-power inverter
Rev. 03-5 November 2009
logo
Micrel Semiconductor
SY100S321 MICREL-SY100S321_07 Datasheet
81Kb / 5P
LOW-POWER 9-BIT INVERTER
logo
Toshiba Semiconductor
TC74VHC9151P TOSHIBA-TC74VHC9151P Datasheet
216Kb / 10P
9-Bit Schmitt Buffer (Inverter)
logo
NXP Semiconductors
74AUP1G04 PHILIPS-74AUP1G04_15 Datasheet
421Kb / 22P
Low-power inverter
Rev. 7-27 June 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com