Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHQ02 Datasheet(PDF) 1 Page - Allied Components International

Part # CHQ02
Description  Ceramic Core High Current Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

CHQ02 Datasheet(HTML) 1 Page - Allied Components International

  CHQ02 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHQ02 Ceramic Core High Current Chip Inductor
Features
Electrical
Tolerance: Available as noted. Insert the letter
for desired tolerance where shown.
Test Frequency: Inductance @ 250MHz
Operating Temp: -40ºC ~ 125ºC
IDC: Based on 15ºC temperature rise @
25ºC Ambient.
Resistance to Soldering Heat
Test Equipment
Physical
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
All specifications subject to change without notice.
• 0402 size suitable for pick and place
automation.
• High Q values at high frequencies.
• High Current and low loss excellent for RF
Inductance Range: 1.0nH to 51nH
Test Method:
Reflow Solder the device
onto PCB.
Peak Temp: 260ºC ± 5ºC for 10 sec.
Inductance to remain within 5% of initial value
(L/Q): Agilent E4982A
(RDC): Agilent E4982A
(SRF): Agilent E4982A
Packaging: 4000 pieces per 7 inch reel
Marking: None
REVISED 01/06/2016
Dimensions:
Inches
(mm)
• Ceramic core provides high self resonant
• Non-Magnetic core assures excellent thermal
stability and batch consistency
Q to remian within 10% of initial value
applications.
frequencies.
• Low DC resitance ideal for mobile applications
1.6
3.6
7.5
24
24
35
10
10
10
3.9
6.8
25
35
10
10
C=+/-.2nh, S=+/-.5nh, G=+/-2%, J=+/-5%, K=+/-10%
IDC
(mA)
Allied
Part
Number
Inductance
(nH)
Tolerance
(%)
SRF
Min.
(GHz)
DCR
Max.
(
Ω)
900MHz/1.7GHz
Max.
2300
2100
1500
1700
1700
1600
1700
1200
1600
CHQ02-1N0_-RC
CHQ02-2N0_-RC
CHQ02-2N7_-RC
CHQ02-3N3_-RC
CHQ02-3N6_-RC
CHQ02-3N9_-RC
CHQ02-4N3_-RC
CHQ02-5N1_-RC
1.0
2.0
2.7
3.3
3.6
3.9
4.3
5.1
5.6
46/75
58/85
62/85
66/95
65/94
64/98
63/90
54/76
73/105
15.2
15.1
12.8
11.7
9.50
7.15
6.85
6.50
5.80
.030
.038
.075
.045
.045
.045
.050
.115
.050
1500
CHQ02-4N7_-RC
4.7
58/83
6.80
.070
2100
2000
CHQ02-2N2_-RC
CHQ02-2N4_-RC
2.2
2.4
60/86
60/83
14.0
13.0
.038
.042
870
1100
1400
1500
1500
1400
1400
1400
1200
73/100
68/94
68/95
67/92
64/90
62/90
68/98
62/82
62/85
5.80
5.40
5.00
4.70
4.70
4.70
16.0
.065
.100
.065
.090
.065
.065
.080
.100
6.2
6.8
7.5
8.2
9.0
9.5
1300
66/100
4.40
.090
8.7
1600
1500
60/82
68/95
5.40
5.00
.055
850
900
450
800
800
600
700
450
450
850
780
450
490
450
450
450
360
420
480
480
.150
.110
.145
.185
.460
.160
.160
.250
.285
.200
.140
.120
.700
.330
.330
.380
.460
.430
.520
.580
.430
.320
3.90
3.70
3.50
1.70
3.30
3.30
3.15
3.15
3.20
3.15
3.55
3.50
2.90
2.80
2.60
2.60
2.50
2.40
2.30
4.20
2.80
2.70
57/77
58/74
48/62
60/74
60/77
55/71
57/73
62/86
61/87
56/74
61/88
58/76
61/80
59/76
56/75
52/68
48/62
52/59
57/72
56/84
10
11
15
16
18
19
20
22
23
21
12
13
24
25
26
27
33
36
30
37
39
47
51
40
43
CHQ02-5N6_-RC
CHQ02-6N2_-RC
CHQ02-8N2_-RC
CHQ02-8N7_-RC
CHQ02-9N0_-RC
CHQ02-9N5_-RC
CHQ02-10N_-RC
CHQ02-12N_-RC
CHQ02-11N_-RC
CHQ02-6N8_-RC
CHQ02-7N5_-RC
CHQ02-13N_-RC
CHQ02-15N_-RC
CHQ02-19N_-RC
CHQ02-20N_-RC
CHQ02-21N_-RC
CHQ02-22N_-RC
CHQ02-23N_-RC
CHQ02-25N_-RC
CHQ02-24N_-RC
CHQ02-16N_-RC
CHQ02-18N_-RC
CHQ02-26N_-RC
CHQ02-27N_-RC
CHQ02-36N_-RC
CHQ02-37N_-RC
CHQ02-39N_-RC
CHQ02-40N_-RC
CHQ02-43N_-RC
CHQ02-51N_-RC
CHQ02-47N_-RC
CHQ02-30N_-RC
CHQ02-33N_-RC
C,S,J,K
S,J,K
S,J,K
G,J,K
G,J,K
Q Factor
H
Terminal Wrap Around:
A
pprox. 0.007” /0.18mm Both Ends
Pad
Layout
Overall
Terminal
1.27
0.05 Max
0.76
0.03 Max
0.61
.024 Max
0.66
.026
0.51
.020
H
0.56
.022
H
0.23
.009
H
0.15
.006
H
0.50
.020
0.46
.181
Ref.
C,S,J,K
C,S,J,K
C,S,J,K
C,S,J,K
C,S,J,K
C,S,J,K
C,S,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K
G,J,K


Similar Part No. - CHQ02

ManufacturerPart #DatasheetDescription
logo
ShenZhen ChengQiang Pho...
CHQ0038 CHQ-CHQ0038 Datasheet
395Kb / 4P
Infrared Receiver Module
logo
Allied Components Inter...
CHQ05 ALLIED-CHQ05 Datasheet
416Kb / 1P
Core High Q Chip Inductors
CHQ05-12NK-RC ALLIED-CHQ05-12NK-RC Datasheet
410Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ05-16NK-RC ALLIED-CHQ05-16NK-RC Datasheet
410Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ05-18NK-RC ALLIED-CHQ05-18NK-RC Datasheet
410Kb / 1P
Ceramic Core High Q Chip Inductors
More results

Similar Description - CHQ02

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CT0603CS CENTRAL-CT0603CS Datasheet
149Kb / 1P
SMD ceramic core wire-wound high current chip inductor
logo
Allied Components Inter...
FCHC10-1R0K-RC ALLIED-FCHC10-1R0K-RC Datasheet
361Kb / 1P
Ferrite Core Chip Inductors High Current
FCHC20-R47K-RC ALLIED-FCHC20-R47K-RC Datasheet
454Kb / 1P
Ferrite Core Chip Inductors High Current
CHC03-1N6K-RC ALLIED-CHC03-1N6K-RC_10 Datasheet
424Kb / 1P
Ceramic Core High Current Chip Inductor
CLC02-1N0_-RC ALLIED-CLC02-1N0_-RC Datasheet
315Kb / 1P
Ceramic Core Laser Cut Chip Inductor
CLC03-1N0_-RC ALLIED-CLC03-1N0_-RC Datasheet
327Kb / 1P
Ceramic Core Laser Cut Chip Inductor
CHC03 ALLIED-CHC03 Datasheet
424Kb / 1P
Core High Current Chip Inductor
FCHC10 ALLIED-FCHC10 Datasheet
362Kb / 1P
Ferrite Core Chip Inductors High Current
FCHC20 ALLIED-FCHC20 Datasheet
465Kb / 1P
Ferrite Core Chip Inductors High Current
MCHC40 ALLIED-MCHC40 Datasheet
408Kb / 1P
Molded Chip Inductor High Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com