Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLPCH15-R47_-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MLPCH15-R47_-RC
Description  Multilayer Power Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLPCH15-R47_-RC Datasheet(HTML) 1 Page - Allied Components International

  MLPCH15-R47_-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MLPCH15-R47_-RC
.24
M,T
3MHz, 200mV
0.024
4800
Isat
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
(MHz)
DCR
Max.
(Ω)±25%
MLPCH15-4R7_-RC
2.2
M,T
3MHz, 200mV
0.11
1400
MLPCH15-1R5_-RC
1.0
M,T
3MHz, 200mV
0.05
1500
MLPCH15-1R0_-RC
.47
M,T
3MHz, 200mV
0.04
3100
All specifications subject to change without notice.
Multilayer Power Chip Inductor
MLPCH15
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
05/1/2015
Dimensions:
Inches
(mm)
Features
• Expanded operating temp range
• High Current Capacity up to 4.8A
Electrical
Inductance Range: .24µh ~ 2.2µh
Tolerance: Available as noted. Insert
letter for desired tolerance.
Test Frequency: 3MHZ, 200mV
Operating Temp: -55ºC ~ 125ºC
Isat: Based on a 30% Inductance
drop from its original value without current.
Resistance to Soldering Heat
Pre-heating: 150ºC, 1min
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temperature: 260 ± 5ºC
Test Equipment
(L): WK 3260B
DCR: Chen HWA502
IDC: 3260B WK & DC Bias 3265B WK
Physical
Packaging: 3000 pieces per 7 inch reel.
Marking: None
Immersion Time: 10 ± 1sec
• Suitable for pick and place
0.1±0.008
(.098±0.2)
.024±0.008
(0.6±0.2)
.0394
(1.0)
0.78±0.008
(2.0±0.2)
(mA)Max.
4100
Irms
1600
2900
3000
(mA)Max.
• Low DC Resistance
Irms: Based on a 40ºC temp rise above
ambient 25ºC.
Under no condition should the temperature of
the part exceed 125ºC.
Max
• Magnetically shielded construction
*Insert letter for desired tolerance. M=20%, T=30%
*


Similar Part No. - MLPCH15-R47_-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLPCH11 ALLIED-MLPCH11 Datasheet
640Kb / 1P
High Current Multilayer Inductor
MLPCH11-1R0M-RC ALLIED-MLPCH11-1R0M-RC Datasheet
640Kb / 1P
High Current Multilayer Inductor
MLPCH11-2R2M-RC ALLIED-MLPCH11-2R2M-RC Datasheet
640Kb / 1P
High Current Multilayer Inductor
MLPCH11-R24M-RC ALLIED-MLPCH11-R24M-RC Datasheet
640Kb / 1P
High Current Multilayer Inductor
MLPCH11-R47M-RC ALLIED-MLPCH11-R47M-RC Datasheet
640Kb / 1P
High Current Multilayer Inductor
More results

Similar Description - MLPCH15-R47_-RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Allied Components Inter...
MLPC10 ALLIED-MLPC10 Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
MLPC12 ALLIED-MLPC12 Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
MLPC05 ALLIED-MLPC05 Datasheet
2Mb / 1P
Multilayer Power Chip Inductor
logo
Abracon Corporation
ASMPH-0603 ABRACON-ASMPH-0603 Datasheet
794Kb / 3P
SMD Multilayer Chip Power Inductor
02.11.13
ASMPH-0805 ABRACON-ASMPH-0805 Datasheet
956Kb / 3P
SMD Multilayer Chip Power Inductor
02.12.13
ASMPH-1008 ABRACON-ASMPH-1008 Datasheet
973Kb / 3P
SMD Multilayer Chip Power Inductor
02.12.13
logo
Allied Components Inter...
MLPC15N6 ALLIED-MLPC15N6 Datasheet
8Mb / 1P
Multilayer Power Chip Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com