Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCEC1708 Datasheet(PDF) 1 Page - Allied Components International

Part # PCEC1708
Description  Excellent for High Current Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCEC1708 Datasheet(HTML) 1 Page - Allied Components International

  PCEC1708 Datasheet HTML 1Page - Allied Components International PCEC1708 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCEC1708
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Dimensions: mm
REVISED 11/30/2015
6R8M
Allied
Top View
Bottom View
17.50 Max
Front View
Rear View
G-500
EPOXY
All specifications subject to change without notice.
o
Electrical Specificat ions @25 C
Inductance
@100 KHz,0.1V
DC
Resistance
R (1 - 2)
L0 ( 1 - 2)
Lsat
Inductance
@100 KHz,0.1V
2.50±0.30
2.50±0.30
2.50±0.30
2.0 Min
11.40±0.76
SMD POWER INDUCTOR
Suggested Land Pattern
5.0
4.5
5.0
5.0
11.4
12.6
3 Surfaces
Operating Temperature -40º to +130ºC
PIN3 IS FOR MECHANICAL SUPPORT
ONLY WITH NO INTERNAL
ELECTRICAL CONNECTION
Part
Number
2.8mΩ Max
PCEC1708-4R5M
4.5uH ± 20%
70% of L0 @ Isat (20.0A Ref)
6.8uH ± 20%
3.3mΩ Max
70% of L0 @ Isat (18.0A Ref)
PCEC1708-6R8M
Other Inductance Values available please inquire
Extra Solder Pad for superior mounting stability
Low Profile
Excellent for High Current Applications


Similar Part No. - PCEC1708

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCEC10 ADAM-TECH-PCEC10 Datasheet
145Kb / 1P
.100&.156 RECEPTACLE WITH BOARD HOOKS
logo
Allied Components Inter...
PCEC1308 ALLIED-PCEC1308 Datasheet
1Mb / 2P
SMD POWER INDUCTOR
PCEC1308-220M ALLIED-PCEC1308-220M Datasheet
1Mb / 2P
SMD POWER INDUCTOR
PCEC1308-470M ALLIED-PCEC1308-470M Datasheet
1Mb / 2P
SMD POWER INDUCTOR
More results

Similar Description - PCEC1708

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
Excellent unidirectional switches for phase control applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
Excellent unidirectional switches for phase control applications
logo
KOA Speer Electronics, ...
KL731JTTE8N2G KOA-KL731JTTE8N2G Datasheet
545Kb / 4P
Excellent for high frequency applications
logo
MERITEK ELECTRONICS COR...
MPTS MERITEK-MPTS Datasheet
1Mb / 16P
Excellent for high density applications
logo
ECS, Inc.
ECX-3SX ECS-ECX-3SX_17 Datasheet
583Kb / 2P
an excellent choice for surface mount applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com