Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC63A Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC63A
Description  SMD High Current Shielded Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC63A Datasheet(HTML) 1 Page - Allied Components International

  PCHC63A Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD High Current Shielded Choke
PCHC63A
15
IDC
(A)
Isat
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
TestFrequency
(Hz/V)
PCHC63A-1R0M-RC
PCHC63A-3R3M-RC
PCHC63A-6R8M-RC
1
3.3
6.8
20
20
20
100K / 1
100K / 1
100K / 1
12.5
7
5.5
9.5
6.5
4
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
PCHC63A-220M-RC
22
20
100K / 1
2.9
2.5
All specifications subject to change without notice.
10/06/2015
DCR
7.6(8)
24.8(26)
44.6(46.8)
128.9(135)
Typ.(Max)
PCHC63A-2R2M-RC
2.2
20
100K / 1
9
7
15.7(16.5)
PCHC63A-100M-RC
10
20
100K / 1
4
3.5
67.8(71.2)
Features
• Magnetically shielded construction
• Expanding operating temp range
Electrical
Inductance Range: 1µH to 22µH
Tolerance: 20% over entire range,
Operating Temp: -55ºC ~ +125ºC
Test Equipment
(L): HP 4284A LCR meter or equivalent
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 1000 pieces per 13 inch reel.
• High saturation current up to 9.5Amps
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC
(DCR): CH16502, Agilent 33420A Micro-Ohm meter
Marking:
EIA Inductance Code
Temp rise:
current.
Under no condition should the temperature
of the part exceed 125ºC
Test Frequency: As shown.
• Low DCR resistance
• Suitable for pick and place
∆ T=40ºC Typical at heat rated
Immersion Time: 10 sec. ± 1 sec.
Additional values available
Storage Temp: -55ºC ~ +125ºC
Inductance drop: 30% typical at rated Isat
(IDC): 3260B WK & DC Bias 3265B WK
Available in tighter tolerances
(A)
(mΩ)
(3.0 Max)
.118 Max
PCHC63A-1R5M-RC
1.5
20
100K / 1
10.5
8
11.7(12.5)
PCHC63A-4R7M-RC
4.7
20
100K / 1
6
4
31.8(33.4)
PCHC63A-8R2M-RC
8.2
20
100K / 1
5
4
52.3(54.9)
.260+/-.012
(6.6+/-0.3)
^
^
.063+/-0.2
(1.6+/-0.5)
Dimensions:
Inches
(mm)
.279+/-.012
(7.1+/-0.3)
.118+/-.012
(3.0+/-0.3)


Similar Part No. - PCHC63A

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63H ALLIED-PCHC63H Datasheet
383Kb / 1P
Power Choke High Current
PCHC63H-100M-RC ALLIED-PCHC63H-100M-RC Datasheet
374Kb / 1P
Power Choke High Current
PCHC63H-100M-RC ALLIED-PCHC63H-100M-RC Datasheet
384Kb / 1P
Power Choke High Current
PCHC63H-100M-RC ALLIED-PCHC63H-100M-RC Datasheet
383Kb / 1P
Power Choke High Current
PCHC63H-1R0M-RC ALLIED-PCHC63H-1R0M-RC Datasheet
374Kb / 1P
Power Choke High Current
More results

Similar Description - PCHC63A

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
SMD High Current Shielded Choke
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC415R8 ALLIED-PCHC415R8 Datasheet
402Kb / 1P
SMD High Current Shielded Choke
PCHC520R8 ALLIED-PCHC520R8 Datasheet
420Kb / 1P
SMD High Current Shielded Choke
PCHC530R8 ALLIED-PCHC530R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
SMD High Current Shielded Choke
PCHC515R8 ALLIED-PCHC515R8 Datasheet
397Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC618R8A ALLIED-PCHC618R8A Datasheet
395Kb / 1P
SMD High Current Shielded Choke
PCHC420Z2 ALLIED-PCHC420Z2 Datasheet
676Kb / 1P
SMD High Current Shielded Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com