Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC103R7-R33M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC103R7-R33M-RC
Description  Power Choke High Current
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC103R7-R33M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC103R7-R33M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Choke High Current
PCHC103R7
15
Irms
(mΩ)
Isat
Allied
Part
Number
Inductance
(uh)
Tolerance
(%)
DCR
PCHC103R7-1R5M-RC
.33
1.5
20
20
1.6
1.2
23
13.5
32
18
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
11/24/2014
PCHC103R7-1R0M-RC
1.0
20
1.2
15
21
Features
• Magnetically shielded Construction
Electrical
Inductance Range: .33µh to 1.5µh,
Tolerance: 20% over entire range
Operating Temp: -55ºC ~ +125ºC
Pre-Heat 150ºC, 1 Min.
Physical
Packaging: 500 pieces per 13 inch reel.
• High saturation current up to 32A
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC
Marking: EIA Inductance Code
Temp Rise:
T=40ºC Typical heat rated
current.
Test Frequency: 100KHz, 0.5V
• Low DC Resistance
• Expanded operating temp range
Immersion Time: 10 sec. ± 1 sec.
Inductance Drop:
30% typical at rated Isat
• Suitable for pick and place
(A)
.397+/-.011
(10.1+/-0.3)
(11.6)
.457
(3.0)
.118
(3.0 Typ.)
.118 Typ.
.098+/-0.019
(2.5+/-0.5)
drop approximately 30%.
Max.
(A)
additional values available.
Available in tighter tolerances.
StorageTemp: -55ºC ~ +125ºC
Under no conditions should the temperature
of the part exceed 125ºC.
(L): WK 3260B
Test Equipment
DCR: Chen HWA502
IDC: 3260B WK & DC Bias 3265B WK
PCHC103R7-R33M-RC
Typ.
Typ.
Dimensions:
Inches
(mm)
Recommended Pattern
(9.5
.375
(4.0)
.158
(3.5)
.138
Inches
Recommended Pattern
MAX
MAX


Similar Part No. - PCHC103R7-R33M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC1004H ALLIED-PCHC1004H Datasheet
1Mb / 4P
Power Choke High Current
PCHC1004H-100M ALLIED-PCHC1004H-100M Datasheet
1Mb / 4P
Power Choke High Current
PCHC1004H-150M ALLIED-PCHC1004H-150M Datasheet
1Mb / 4P
Power Choke High Current
PCHC1004H-1R0M ALLIED-PCHC1004H-1R0M Datasheet
1Mb / 4P
Power Choke High Current
PCHC1004H-1R2M ALLIED-PCHC1004H-1R2M Datasheet
1Mb / 4P
Power Choke High Current
More results

Similar Description - PCHC103R7-R33M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC Datasheet
374Kb / 1P
Power Choke High Current
PCHC64P-R33M-RC ALLIED-PCHC64P-R33M-RC Datasheet
363Kb / 1P
Power Choke High Current
PCHC104H-R36M-RC ALLIED-PCHC104H-R36M-RC Datasheet
355Kb / 1P
Power Choke High Current
PCHC1354S-R68M-RC ALLIED-PCHC1354S-R68M-RC Datasheet
387Kb / 1P
Power Choke High Current
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC_10 Datasheet
384Kb / 1P
Power Choke High Current
PCHC63H ALLIED-PCHC63H Datasheet
383Kb / 1P
Power Choke High Current
PCHC1250R7 ALLIED-PCHC1250R7 Datasheet
485Kb / 1P
Power Choke High Current
PCHC127H ALLIED-PCHC127H Datasheet
6Mb / 1P
Power Choke High Current
PCHC128H ALLIED-PCHC128H Datasheet
587Kb / 1P
Power Choke High Current
PCHC320H ALLIED-PCHC320H Datasheet
1,007Kb / 3P
Power Choke High Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com