Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC127H-R47M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC127H-R47M-RC
Description  Power Choke High Current
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC127H-R47M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC127H-R47M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Choke High Current
PCHC127H
15
DCR
(mΩ)
Isat
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Test
Freq.
PCHC127H-R47M-RC
PCHC127H-R68M-RC
PCHC127H-1R0M-RC
PCHC127H-3R3M-RC
PCHC127H-100M-RC
0.47
0.68
1.00
3.30
10
20
20
20
20
20
100
100
100
100
100
1.2
1.6
2.1
6.8
16.8
65
60
50
35
16
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
PCHC127H-6R8M-RC
6.80
20
100
14
21
(A)
KHz,1v
All specifications subject to change without notice.
REVISED 8/31/09
Irms
(A)
41
35
32
18
10
Max
PCHC127H-4R7M-RC
4.70
20
100
11.2
30
15
Max.
Features
• Magnetically shielded construction
• Expanded operating temp range
Electrical
Inductance Range: .47µH to 10µH
Tolerance: 20% over entire range,
Operating Temp: -55ºC ~ +125ºC
Test Equipment
(L): HP4284A LCR meter or equivalent
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 500 pieces per 13 inch reel.
• High saturation current up to 65A
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC
(DCR): CH16502, Agilent 33420A
Mico-Ohm Meter
Marking: EIA Inductance Code
Temp Rise:
without core loss.
Part temperature should not exceed 125ºC
including temperature rise.
Test Frequency: 100KHz, 1.0Vdc
PCHC127H-1R5M-RC
1.50
20
100
2.6
48
27
PCHC127H-2R2M-RC
2.20
20
100
4.2
40
22
12
• Low DC Resistance
• Suitable for pick and place
∆
T=40ºC Typical at rated Irms
Immersion Time: 10 sec. ± 1 sec.
Additional values available
Available in tighter tolerances
Storage Temp: -55ºC ~ +125ºC
Inductance Drop: 20% typical at rated Isat
IDC: 3260B WK & DC Bias 3265BWK
Dimensions: Inches
(mm)
Schematic


Similar Part No. - PCHC127H-R47M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC123H ALLIED-PCHC123H Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-100M-RC ALLIED-PCHC123H-100M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-1R0M-RC ALLIED-PCHC123H-1R0M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-1R5M-RC ALLIED-PCHC123H-1R5M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-2R2M-RC ALLIED-PCHC123H-2R2M-RC Datasheet
344Kb / 1P
Power Choke High Current
More results

Similar Description - PCHC127H-R47M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC Datasheet
374Kb / 1P
Power Choke High Current
PCHC64P-R33M-RC ALLIED-PCHC64P-R33M-RC Datasheet
363Kb / 1P
Power Choke High Current
PCHC104H-R36M-RC ALLIED-PCHC104H-R36M-RC Datasheet
355Kb / 1P
Power Choke High Current
PCHC1354S-R68M-RC ALLIED-PCHC1354S-R68M-RC Datasheet
387Kb / 1P
Power Choke High Current
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC_10 Datasheet
384Kb / 1P
Power Choke High Current
PCHC63H ALLIED-PCHC63H Datasheet
383Kb / 1P
Power Choke High Current
PCHC1250R7 ALLIED-PCHC1250R7 Datasheet
485Kb / 1P
Power Choke High Current
PCHC103R7 ALLIED-PCHC103R7 Datasheet
340Kb / 1P
Power Choke High Current
PCHC128H ALLIED-PCHC128H Datasheet
587Kb / 1P
Power Choke High Current
PCHC320H ALLIED-PCHC320H Datasheet
1,007Kb / 3P
Power Choke High Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com