Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC412R8L Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC412R8L
Description  SMD High Current Shielded Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC412R8L Datasheet(HTML) 1 Page - Allied Components International

  PCHC412R8L Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD High Current Shielded Choke
PCHC412R8L
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
07/29/2015
Features
• Magnetically shielded construction
Electrical
Inductance Range:
1.0uH additonal
Tolerance:
20% over entire range
Operating Temp:
-55ºC ~ +125ºC
Pre-Heat 150ºC, 1 minute.
Test Equipment
(L):
WK 3260B
• Ultra High saturation current up to 6.0A
Resistance to Soldering Heat
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC ± 5ºC
DCR:
Chen HWA502
Irms:
Test Frequency
: 100KHz, 0.5Vdc
• Low DC Resistance
• Expanded operating temp range
Immersion Time:
10 sec. ± 1 sec.
.162+/-.008
(4.1+/-0.2)
(4.6±0.2)
.181±.008
(1.2)
.047
(1.5±0.3)
.06±.012
.04+/-.02
(1.0+/-0.5)
no more than 30% from initial value without current.
• Suitable for pick and place
values available.
Under no condition should the temperature of the part
Physical
Packaging:
2000 pieces per 13 inch reel.
Marking:
EIA Inductance Code
IDC:
3260B WK & DC Bias 3265B WK
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(
µH)
Irms (A)
Max(Typ)
Test
Frequency
(KHz, 0.5V)
Tolerance
(±%)
RDC(mΩ)
PCHC412R8L-1R0M-RC
Isat (A)
1.0
35(32)
20
100
6.0(6.5)
4.5(5.0)
(Recommended Pattern)
.098
(2.5)
.059
(1.5)
.146
(3.7)
Max(Typ)
Max(Typ)
by 40ºC from Abmient without current.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
23456
7
DC Current(A)
0
20
40
60
80
100
L(uH)
△T(℃)
Graph:
The current at which the Temp will rise
Isat:
The current at which the inductance will drop by
exceed 125ºC.
*Photo for reference only.
Dimensions:
Inches
(mm)
MAX
MAX


Similar Part No. - PCHC412R8L

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC412R8-1R0M-RC ALLIED-PCHC412R8-1R0M-RC Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC412R8-2R2M-RC ALLIED-PCHC412R8-2R2M-RC Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC412R8-4R7M-RC ALLIED-PCHC412R8-4R7M-RC Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC412R8-R22M-RC ALLIED-PCHC412R8-R22M-RC Datasheet
412Kb / 1P
SMD High Current Shielded Choke
More results

Similar Description - PCHC412R8L

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
SMD High Current Shielded Choke
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC415R8 ALLIED-PCHC415R8 Datasheet
402Kb / 1P
SMD High Current Shielded Choke
PCHC520R8 ALLIED-PCHC520R8 Datasheet
420Kb / 1P
SMD High Current Shielded Choke
PCHC530R8 ALLIED-PCHC530R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC63A ALLIED-PCHC63A Datasheet
351Kb / 1P
SMD High Current Shielded Choke
PCHC515R8 ALLIED-PCHC515R8 Datasheet
397Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC618R8A ALLIED-PCHC618R8A Datasheet
395Kb / 1P
SMD High Current Shielded Choke
PCHC420Z2 ALLIED-PCHC420Z2 Datasheet
676Kb / 1P
SMD High Current Shielded Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com