Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC515R8-R68M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC515R8-R68M-RC
Description  SMD High Current Shielded Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC515R8-R68M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC515R8-R68M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD High Current Shielded Choke
PCHC515R8
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
10/29/2015
Features
• Magnetically shielded construction
Electrical
Inductance Range:
.47µH to 10uH additonal
Tolerance:
20% over entire range
Operating Temp:
-55ºC ~ +125ºC
Pre-Heat 150ºC, 1 minute.
Test Equipment
(L):
WK 3260B
• Ultra High saturation current up to 12A
Resistance to Soldering Heat
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC ± 5ºC
DCR:
Chen HWA502
Temp. Rise:
=40ºC Typical at heat rated
Test Frequency
: 100KHz, 0.5Vdc
• Low RD Resistance
• Expanded operating temp range
Immersion Time:
10 sec. ± 1 sec.
Under no condition should the part exceed
.212+/-.014
(5.4+/-0.35)
(5.7±0.2)
.224±.008
(1.5)
.059
(2.0±0.3)
.079±.012
.059+/-.012
(1.5+/-0.3)
125ºC.
• Suitable for pick and place
values available.
Inductance drop: 30% typical at rated Isat
Physical
Packaging:
1000 pieces per 13 inch reel.
Marking:
EIA Inductance Code
IDC:
3260B WK & DC Bias 3265B WK
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(
µH)
Irms
(A)
Test
Frequency
(KHz, 0.5V)
Tolerance
(±%)
RDC
(mΩ)
PCHC515R8-R68M-RC
Isat
(A)
.68
23
20
100
10
6.0
∆
(Recommended Solder Pads)
.099
(2.5)
.075
(1.9)
.161
(4.1)
Typ
Typ
Max
Storage Temp:
-55ºC ~ +125ºC
current.
PCHC515R8-1R0M-RC
1.0
33
20
100
8.0
5.0
PCHC515R8-1R5M-RC
1.5
50
20
100
6.0
4.0
PCHC515R8-2R2M-RC
2.2
68
20
100
6.0
3.3
PCHC515R8-3R3M-RC
3.3
84
20
100
5.0
3.0
PCHC515R8-4R7M-RC
4.7
135
20
100
4.0
2.5
PCHC515R8-5R6M-RC
5.6
175
20
100
3.5
2.2
PCHC515R8-6R8M-RC
6.8
192
20
100
3.0
2.0
PCHC515R8-100M-RC
10
195
20
100
2.0
1.5
PCHC515R8-R47M-RC
.47
16
20
100
12
8.0
Inductance vs DC Current
0
1
2
3
4
5
6
7
8
9
10
11
0
1
234
5
6
78
9
10
11
12
13
14
15
DC Current(A)
100
6R8
5R6
4R7
3R3
2R2
1R5
1R0
R68
R47
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
012345
6
7
8
9
10
11
12
13
14
15
DC Current(A)
100
6R8 5R6
4R7
3R3
2R2
1R5
1R0
R68
R47
Dimensions:
Inches
(mm)
MAX
MAX


Similar Part No. - PCHC515R8-R68M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC520R8 ALLIED-PCHC520R8 Datasheet
420Kb / 1P
SMD High Current Shielded Choke
PCHC520R8-100M-RC ALLIED-PCHC520R8-100M-RC Datasheet
420Kb / 1P
SMD High Current Shielded Choke
PCHC520R8-1R0M-RC ALLIED-PCHC520R8-1R0M-RC Datasheet
420Kb / 1P
SMD High Current Shielded Choke
PCHC520R8-1R5M-RC ALLIED-PCHC520R8-1R5M-RC Datasheet
420Kb / 1P
SMD High Current Shielded Choke
PCHC520R8-2R2M-RC ALLIED-PCHC520R8-2R2M-RC Datasheet
420Kb / 1P
SMD High Current Shielded Choke
More results

Similar Description - PCHC515R8-R68M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
SMD High Current Shielded Choke
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC415R8 ALLIED-PCHC415R8 Datasheet
402Kb / 1P
SMD High Current Shielded Choke
PCHC520R8 ALLIED-PCHC520R8 Datasheet
420Kb / 1P
SMD High Current Shielded Choke
PCHC530R8 ALLIED-PCHC530R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC63A ALLIED-PCHC63A Datasheet
351Kb / 1P
SMD High Current Shielded Choke
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC618R8A ALLIED-PCHC618R8A Datasheet
395Kb / 1P
SMD High Current Shielded Choke
PCHC420Z2 ALLIED-PCHC420Z2 Datasheet
676Kb / 1P
SMD High Current Shielded Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com