Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC618R8A-R33M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC618R8A-R33M-RC
Description  SMD High Current Shielded Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC618R8A-R33M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC618R8A-R33M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD High Current Shielded Choke
PCHC618R8A
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
10/29/2015
Features
• Magnetically shielded construction
Electrical
Inductance Range:
.22uH to 10µH additonal
Tolerance:
20% over entire range, available in
Operating Temp:
-55ºC ~ +125ºC
Pre-Heat 150ºC, 1 minute.
Test Equipment
(L):
WK 3260B
• Ultra High saturation current up to 29A
Resistance to Soldering Heat
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC ± 5ºC
DCR:
Chen HWA502
Temp. Rise:
=40ºC Typical at heat rated
Test Frequency
: 100KHz, 0.5Vdc
• Low RD Resistance
• Expanded operating temp range
Immersion Time:
10 sec. ± 1 sec.
Under no condition should the temp. of the part
.212+/-.014
(.26+/-.008)
(7.3)
.288
(1.6±0.2)
.063±.008
(2.9)
.114
.063+/-.197
(1.6+/-0.5)
exceed 125ºC.
• Suitable for pick and place
values available.
Inductance drop: 30% typical at rated Isat
Physical
Packaging:
1000 pieces per 13 inch reel.
Marking:
EIA Inductance Code
IDC:
3260B WK & DC Bias 3265B WK
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(
µH)
Irms
(A)
Test
Frequency
(KHz, 0.5V)
Tolerance
(±%)
RDC
(mΩ)
PCHC618R8A-R22M-RC
Isat
(A)
.22
5.2
20
100
29
14
∆
(Recommended Solder Pads)
.138
(3.5)
.093
(2.35)
.238
(6.05)
Typ
Typ
Max
Storage Temp:
-55ºC ~ +125ºC
current.
PCHC618R8A-R33M-RC
.33
6.8
20
100
22
12
PCHC618R8A-R47M-RC
.47
8.4
20
100
18
11
PCHC618R8A-R68M-RC
.68
12.7
20
100
17
9
PCHC618R8A-1R0M-RC
1.0
17
20
100
14
7
PCHC618R8A-1R5M-RC
1.5
26
20
100
12
6.5
PCHC618R8A-2R2M-RC
2.2
35
20
100
10
6.0
PCHC618R8A-4R7M-RC
4.7
70
20
100
5
3.5
PCHC618R8A-6R8M-RC
6.8
110
20
100
3.5
2.8
PCHC618R8A-100M-RC
10
155
20
100
2.5
2.3
tighter tolerances.
Inductance vs DC Current
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
DC Current(A)
R47
4R7
100
1R0
R22
6R8
2R2
1R5
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
DC Current(A)
R33
R22
100
6R8
1R5
2R2
1R0
R47
4R7
Dimensions:
Inches
(mm)
MAX
MAX


Similar Part No. - PCHC618R8A-R33M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A-100M-RC ALLIED-PCHC615R8A-100M-RC Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A-1R0M-RC ALLIED-PCHC615R8A-1R0M-RC Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A-3R3M-RC ALLIED-PCHC615R8A-3R3M-RC Datasheet
425Kb / 1P
SMD High Current Shielded Choke
More results

Similar Description - PCHC618R8A-R33M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
SMD High Current Shielded Choke
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC415R8 ALLIED-PCHC415R8 Datasheet
402Kb / 1P
SMD High Current Shielded Choke
PCHC520R8 ALLIED-PCHC520R8 Datasheet
420Kb / 1P
SMD High Current Shielded Choke
PCHC530R8 ALLIED-PCHC530R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC63A ALLIED-PCHC63A Datasheet
351Kb / 1P
SMD High Current Shielded Choke
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
SMD High Current Shielded Choke
PCHC515R8 ALLIED-PCHC515R8 Datasheet
397Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC420Z2 ALLIED-PCHC420Z2 Datasheet
676Kb / 1P
SMD High Current Shielded Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com