Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP036-RBBN2 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP036-RBBN2
Description  Meet Energy Star EPS2.0/ErP lot 7
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP036-RBBN2 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP036-RBBN2 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This product is a 36W AC to DC adapter intended for use in
IPC systems and set top boxes, modems that have a small
wattage demands. This adapter operates at 90 to 264 VAC
input voltage. The unit meets EN55022, EN55024 and FC C
class B emission limits, and is designed for ITE application.
APPLICATION
IPC systems, Set top boxes, Modems
FEATURES
Meet Energy Star EPS2.0/ErP lot 7
Meet DOE Level V
High Reliability
EMC Standard: EN55022 C LASS B / EN55024 C LASS B
Over C urrent Protection
Over Temperature Protection
Over Voltage Protection
PRODUCT HIGHLIGHT
V-Output:
12V
O/P Current:
3.0A
Socket Ty pe:
C 8
INPUT ELECTRICAL
Input Voltage:
90 ~ 264 V
Input F requency :
47 ~ 63 Hz
OUTPUT ELECTRICAL
Single Output:
12 V/ 3.0 A
SAFETY STANDARD APPAOVAL
NO LOAD AND EFFICIENCY
No Load:
0.1 Watts
Efficiency :
≧86 %
DOE Lev el :
VI
Meet EUP Lot:
6 2013
ENVIRONMENTAL REQUIREMENTS
TEMP. Range:
Storage : -20 to + 80 ℃
Humidity :
Operating: 20% RH, Non-condensing
Storage: 10% RH, Non-condensing
Altitude :
5,000 M
MTBF :
200,000 hours at typical load at 25℃
ambient base on SR332
MECHANICAL
Dimension:
89.8mm(L) x 37.8mm(W) x 27mm(H)
LED Indicator:
No
On/ Off Switch: No
MECHANICAL SPECIFICATION
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Adapter
FSP036-RBBN2


Similar Part No. - FSP036-RBBN2

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP036-RBBN2 SPI-FSP036-RBBN2 Datasheet
447Kb / 5P
AC?륞C POWER SUPPLY
More results

Similar Description - FSP036-RBBN2

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP015-DPAN2 FSP-FSP015-DPAN2 Datasheet
94Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP045-REBN2 FSP-FSP045-REBN2 Datasheet
117Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP045-RECN2 FSP-FSP045-RECN2 Datasheet
84Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP065-RAB FSP-FSP065-RAB Datasheet
80Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP065-RECN2 FSP-FSP065-RECN2 Datasheet
126Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP096-AHAN2 FSP-FSP096-AHAN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP120-AABN2 FSP-FSP120-AABN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP120-ABBN2 FSP-FSP120-ABBN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP120-AFBN2 FSP-FSP120-AFBN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP120-AWBN2 FSP-FSP120-AWBN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com