Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP045-RACN2 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP045-RACN2
Description  Meet Energy Star EPS2.0/ErP lot 7
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP045-RACN2 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP045-RACN2 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This product is an 90W AC to DC adapter intended for use
in IPC systems, embedded systems, printers, monitors and
POS systems .This adapter operates at 90 to 264 VAC
input voltage. The unit meets EN55022, EN55024 and FC C
class B emission limits, and is designed for ITE application.
APPLICATION
IPC systems, Embedded systems, Printers, Monitors and
POS systems
FEATURES
Meet Energy Star EPS2.0/ErP lot 7
Meet DOE Level V
High Reliability
EMC Standard: EN55022 C LASS B / EN55024 C LASS B
Over C urrent Protection
Over Temperature Protection
Over Voltage Protection
PRODUCT HIGHLIGHT
V-Output:
24V
O/P Current:
1.87A
Socket Ty pe:
C 6
INPUT ELECTRICAL
Input Voltage:
90 ~ 264 V
Input F requency :
47 ~ 63 Hz
OUTPUT ELECTRICAL
Single Output:
24 V/ 1.87 A
SAFETY STANDARD APPAOVAL
NO LOAD AND EFFICIENCY
No Load:
0.1 Watts
Efficiency :
≧86 %
DOE Lev el :
VI
Meet EUP Lot:
6 2013
ENVIRONMENTAL REQUIREMENTS
TEMP. Range:
Storage : -20 to + 80 ℃
Humidity :
Operating: 20% RH, Non-condensing
Storage: 10% RH, Non-condensing
Altitude :
5,000 M
MTBF :
200,000 hours at typical load at 25℃
ambient base on SR332
MECHANICAL
Dimension:
89.8mm(L) x 37.8mm(W) x 27mm(H)
LED Indicator:
No
On/ Off Switch: No
MECHANICAL SPECIFICATION
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Adapter
FSP045-RACN2


Similar Part No. - FSP045-RACN2

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP045-RABN2 FSP-FSP045-RABN2 Datasheet
114Kb / 1P
FSP045-RABN2
logo
Sparkle Power Inc.
FSP045-RABN2 SPI-FSP045-RABN2 Datasheet
447Kb / 5P
AC?륞C POWER SUPPLY
More results

Similar Description - FSP045-RACN2

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP015-DPAN2 FSP-FSP015-DPAN2 Datasheet
94Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP045-REBN2 FSP-FSP045-REBN2 Datasheet
117Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP045-RECN2 FSP-FSP045-RECN2 Datasheet
84Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP065-RAB FSP-FSP065-RAB Datasheet
80Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP065-RECN2 FSP-FSP065-RECN2 Datasheet
126Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP096-AHAN2 FSP-FSP096-AHAN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP120-AABN2 FSP-FSP120-AABN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP120-ABBN2 FSP-FSP120-ABBN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP120-AFBN2 FSP-FSP120-AFBN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP120-AWBN2 FSP-FSP120-AWBN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com