Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100331D Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100331D
Description  Low Power Triple D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100331D Datasheet(HTML) 5 Page - National Semiconductor (TI)

  100331D Datasheet HTML 1Page - National Semiconductor (TI) 100331D Datasheet HTML 2Page - National Semiconductor (TI) 100331D Datasheet HTML 3Page - National Semiconductor (TI) 100331D Datasheet HTML 4Page - National Semiconductor (TI) 100331D Datasheet HTML 5Page - National Semiconductor (TI) 100331D Datasheet HTML 6Page - National Semiconductor (TI) 100331D Datasheet HTML 7Page - National Semiconductor (TI) 100331D Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Test Circuits
DS100300-6
FIGURE 1. AC Test Circuit
DS100300-7
Notes:
VCC,VCCA = +2V, VEE = −2.5V
L1 and L2 = Equal length 50
Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1 µF from GND to VCC and VEE
All unused outputs are loaded with 50
Ω to GND
CL = Fixture and stray capacitance ≤ 3pF
FIGURE 2. Toggle Frequency Test Circuit
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com