Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100331F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100331F
Description  Low Power Triple D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100331F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100331F Datasheet HTML 1Page - National Semiconductor (TI) 100331F Datasheet HTML 2Page - National Semiconductor (TI) 100331F Datasheet HTML 3Page - National Semiconductor (TI) 100331F Datasheet HTML 4Page - National Semiconductor (TI) 100331F Datasheet HTML 5Page - National Semiconductor (TI) 100331F Datasheet HTML 6Page - National Semiconductor (TI) 100331F Datasheet HTML 7Page - National Semiconductor (TI) 100331F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100331
Low Power Triple D Flip-Flop
General Description
The 100331 contains three D-type, edge-triggered master/
slave flip-flops with true and complement outputs, a Com-
mon Clock (CP
C), and Master Set (MS) and Master Reset
(MR) inputs. Each flip-flop has individual Clock (CP
n), Direct
Set (SD
n) and Direct Clear (CDn) inputs. Data enters a mas-
ter when both CP
n and CPC are LOW and transfers to a
slave when CP
n or CPC (or both) go HIGH. The Master Set,
Master Reset and individual CD
n and SDn inputs override
the Clock inputs. All inputs have 50 k
Ω pull-down resistors.
Features
n 35% power reduction of the 100131
n 2000V ESD protection
n Pin/function compatible with 100131
n Voltage compensated operating range = −4.2V to −5.7V
n Available to industrial grade temperature range
n Available to Standard Microcircuit Drawing (SMD)
5962-9153601
Logic Symbol
Pin Names
Description
CP
0–CP2
Individual Clock Inputs
CP
C
Common Clock Input
D
0–D2
Data Inputs
CD
0–CD2
Individual Direct Clear Inputs
SD
n
Individual Direct Set Inputs
MR
Master Reset Input
MS
Master Set Input
Q
0-Q2
Data Outputs
Q
0–Q2
Complementary Data Outputs
Connection Diagrams
DS100300-1
24-Pin DIP
DS100300-2
24-Pin Quad Cerpak
DS100300-3
August 1998
© 1998 National Semiconductor Corporation
DS100300
www.national.com


Similar Part No. - 100331F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100331 FAIRCHILD-100331 Datasheet
101Kb / 10P
Low Power Triple D-Type Flip-Flop
100331PC FAIRCHILD-100331PC Datasheet
101Kb / 10P
Low Power Triple D-Type Flip-Flop
100331QC FAIRCHILD-100331QC Datasheet
101Kb / 10P
Low Power Triple D-Type Flip-Flop
100331QI FAIRCHILD-100331QI Datasheet
101Kb / 10P
Low Power Triple D-Type Flip-Flop
100331SC FAIRCHILD-100331SC Datasheet
101Kb / 10P
Low Power Triple D-Type Flip-Flop
More results

Similar Description - 100331F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100351 NSC-100351 Datasheet
147Kb / 8P
Low Power Hex D Flip-Flop
F100331 NSC-F100331 Datasheet
279Kb / 10P
Low Power Triple D Flip-Flop
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30 Datasheet
102Kb / 3P
Triple D Flip-Flop With Set and Reset
1996 REV 2
logo
Fairchild Semiconductor
100331 FAIRCHILD-100331 Datasheet
101Kb / 10P
Low Power Triple D-Type Flip-Flop
100351 FAIRCHILD-100351 Datasheet
94Kb / 9P
Low Power Hex D-Type Flip-Flop
logo
Micrel Semiconductor
SY100S331 MICREL-SY100S331 Datasheet
110Kb / 7P
TRIPLE D FLIP-FLOP
logo
National Semiconductor ...
F100135 NSC-F100135 Datasheet
137Kb / 6P
TRIPLE J-K FLIP-FLOP
F100131 NSC-F100131 Datasheet
168Kb / 8P
TRIPLE D FLIP-FLOP
logo
Micrel Semiconductor
SY100S331 MICREL-SY100S331_06 Datasheet
95Kb / 8P
TRIPLE D FLIP-FLOP
SY100S331 MICREL-SY100S331_10 Datasheet
424Kb / 6P
TRIPLE D FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com