Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1084 Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP1084
Description  5A Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1084 Datasheet(HTML) 2 Page - Eorex Corporation

  EP1084_15 Datasheet HTML 1Page - Eorex Corporation EP1084_15 Datasheet HTML 2Page - Eorex Corporation EP1084_15 Datasheet HTML 3Page - Eorex Corporation EP1084_15 Datasheet HTML 4Page - Eorex Corporation EP1084_15 Datasheet HTML 5Page - Eorex Corporation EP1084_15 Datasheet HTML 6Page - Eorex Corporation EP1084_15 Datasheet HTML 7Page - Eorex Corporation EP1084_15 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
eorex
EP1084
Jul. 2006
www.eorex.com
2/8
Pin Assignment
Ordering Information
Pin Description
Pin
Name
Function
1
FB
(GND)
Adjustable (Ground only for fixed mode) A resistor divider from this pin to the
VOUT pin and ground sets the output voltage. (Ground only for Fixed-Mode)
2
VOUT
The output of the regulator. A minimum of 10uF (0.15Ω ≤ ESR ≤ 20Ω) capacitor
must be connected from this pin to ground to insure stability.
3
VIN
The input pin of regulator. Typically a large storage capacitor (0.15Ω≤ ESR ≤
20Ω) is connected from this pin to ground to insure that the input voltage does
not sag below the minimum dropout voltage during the load transient response.
This pin must always be 1.4V (1.3V) higher than VOUT in order for the device to
regulate properly.
Absolute Maximum Rating
Symbol
Item
Rating
(Note 2)
Units
VI
DC Supply Voltage
15
V
PD
Power Dissipation
Internally Limited
TSTG
Storage Temperature Range
-65 ~ +150
°C
TOP
Operating Junction Temperature Range
0 ~ +150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com