Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-1183-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-1183-C1-R0
Description  Heat Sink for Eighth Brick DC-DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-1183-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-1183-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For further technical information, please contact Advanced Thermal Solutions, Inc.
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
Product Details
Thermal Performance
ATS PART # ATS-1183-C1-R0
Features & Benefits
maxiFLOWTM Heat Sink for
Eighth Brick DC-DC Converter
REV2_0114
AIR VELOCITY
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
15.49
8.28
300
1.5
12.05
400
2.0
10.37
500
2.5
9.29
600
3.0
8.52
700
3.5
7.91
800
4.0
7.43
» High performance maxiFLOWTM design features less
pressure drop and more surface area that maximizes
the effective convection (air) cooling
» Hole pattern fits standard eighth power brick modules
» Pre-assembled with Chomerics T766 phase change
material
» Heat sink assembly packaged with 3 sets of screws
(M3 Philips Pan Head) at 5, 6 and 8 mm lengths
*Image is for illustration purposes only.
Assembly Part Number
Length (mm)
4 Screws per Set
ATS-1183-C2-R0
5
ATS-1183-C3-R0
6
ATS-1183-C4-R0
8
DIMENSION
A
DIMENSION
B
DIMENSION
C
DIMENSION
D
DIMENSION
E
DIMENSION
F
DIMENSION
G
DIMENSION
H
DIMENSION
I
INTERFACE
MATERIAL
FINISH
23.00 mm 59.00 mm 6.10 mm 44.00 mm 50.80 mm 15.20 mm 50.40 mm 12.80 mm 51.30 mm CHOMERICS
T766
GOLD
ANODIZED
NOTES:
1)
Thermal performance data are provided for reference only. Actual performance may vary
by application.
2)
ATS reserves the right to update or change its products without notice to improve the
design or performance.
3)
Standard lead time is 4-6 weeks ARO.
4)
Contact ATS to learn about custom options available.
5)
Dimension D = heat sink height from bottom of the base to the top of the fin field.
6)
Dimension E = Hole Width
7)
Dimension F = Hole Length
8)
Dimension G = Short Hole Width
9)
Dimension H = Short Hole Length
10) Dimension I = Center Hole


Similar Part No. - ATS-1183-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1183-C1-R0 ATS-ATS-1183-C1-R0_17 Datasheet
306Kb / 1P
Hole pattern fits standard full power brick modules
REV4_0117
More results

Similar Description - ATS-1183-C1-R0

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
Eighth-brick DC/DC Converter
logo
Advanced Thermal Soluti...
ATS-1186-C1-R0 ATS-ATS-1186-C1-R0 Datasheet
353Kb / 1P
maxiFLOW Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1184-C1-R0 ATS-ATS-1184-C1-R0 Datasheet
353Kb / 1P
Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1181-C1-R0 ATS-ATS-1181-C1-R0 Datasheet
363Kb / 1P
Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1179-C1-R0 ATS-ATS-1179-C1-R0 Datasheet
357Kb / 1P
Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
ATS-1178-C1-R0 ATS-ATS-1178-C1-R0 Datasheet
356Kb / 1P
Heat Sink for Eighth Brick DC-DC Converter
REV2_0114
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com