Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1202 Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP1202
Description  250mA Ultra Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1202 Datasheet(HTML) 2 Page - Eorex Corporation

  EP1202_15 Datasheet HTML 1Page - Eorex Corporation EP1202_15 Datasheet HTML 2Page - Eorex Corporation EP1202_15 Datasheet HTML 3Page - Eorex Corporation EP1202_15 Datasheet HTML 4Page - Eorex Corporation EP1202_15 Datasheet HTML 5Page - Eorex Corporation EP1202_15 Datasheet HTML 6Page - Eorex Corporation EP1202_15 Datasheet HTML 7Page - Eorex Corporation EP1202_15 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
eorex
EP1202
Jul. 2006
www.eorex.com
2/8
Pin Assignment
Ordering Information
Pin Description
Pin
Name
Function
1
VOUT
Output Voltage
2
GND
Ground
3
VIN
Input Voltage
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN
Input Voltage
12
V
IOUT
Output Current
500
mA
VOUT
Output Voltage
GND-0.3~ VIN+0.3
V
PD
Continuous Total Power Dissipation
150
mW
TOPR
Operating Ambient Temperature Range
-30 ~ +80
°C
TSTG
Storage Temperature Range
-40 ~ +125
°C
θJA
Thermal Resistance (Junction-to-Ambient)
SOT-23
250
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com