Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3001 Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP3001
Description  1.5MHz, 600mA Synchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3001 Datasheet(HTML) 2 Page - Eorex Corporation

  EP3001_15 Datasheet HTML 1Page - Eorex Corporation EP3001_15 Datasheet HTML 2Page - Eorex Corporation EP3001_15 Datasheet HTML 3Page - Eorex Corporation EP3001_15 Datasheet HTML 4Page - Eorex Corporation EP3001_15 Datasheet HTML 5Page - Eorex Corporation EP3001_15 Datasheet HTML 6Page - Eorex Corporation EP3001_15 Datasheet HTML 7Page - Eorex Corporation EP3001_15 Datasheet HTML 8Page - Eorex Corporation EP3001_15 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
eorex
EP3001
Jul. 2006
www.eorex.com
2/10
Pin Assignment
Adjustable Output Version
1
2
3
5
4
EN
GND
SW
VIN
FB
TSOT23-5
1
2
3
5
4
EN
GND
SW
VIN
VOUT
TSOT23-5
Top View
Top View
Fixed Output Version
* Fixed 1.5V Marking A2YW
* Fixed 1.8V Marking A3YW
* Fixed 1.2V Marking A4YW
Ordering Information
Pin Description
Pin
Name
Function
1
EN
Regulator Enable control input. Drive EN above 1.5V to turn on the part.
Drive EN below 0.3V to turn it off. In shutdown, all functions are disabled
drawing <1µA supply current. Do not leave EN floating.
2
GND
Ground
3
SW
Power Switch Output. It is the Switch note connection to Inductor. This pin
connects to the drains of the internal P-Ch and N-Ch MOSFET switches.
4
VIN
Supply Input Pin. Must be closely decoupled to GND, Pin 2, with a 2.2µF or
greater ceramic capacitor.
5
FB/VOUT
FB(EP3001-Adj):
Feedback Input Pin. Connect FB to the center point of the external resistor
divider. The feedback threshold voltage is 0.6V.
VOUT(EP3001-1.2/EP3001-1.5/EP3001-1.8):
Output Voltage Feedback Pin. An internal resistive divider divides the
output voltage down for comparison to the internal reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com