Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP4001 Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP4001
Description  High Efficiency, Step-Up Converter with EXT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP4001 Datasheet(HTML) 2 Page - Eorex Corporation

  EP4001_15 Datasheet HTML 1Page - Eorex Corporation EP4001_15 Datasheet HTML 2Page - Eorex Corporation EP4001_15 Datasheet HTML 3Page - Eorex Corporation EP4001_15 Datasheet HTML 4Page - Eorex Corporation EP4001_15 Datasheet HTML 5Page - Eorex Corporation EP4001_15 Datasheet HTML 6Page - Eorex Corporation EP4001_15 Datasheet HTML 7Page - Eorex Corporation EP4001_15 Datasheet HTML 8Page - Eorex Corporation EP4001_15 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
eorex
EP4001
Aug. 2006
www.eorex.com
2/10
Pin Assignment
Ordering Information
Pin Description
Pin
Name
Function
1
EN
Chip enable EP4001 gets into shutdown mode when EN pin set to low
2
EXT
Output pin for driving external NMOS.
3
GND
Ground.
4
SW
Pin for switching.
5
VIN
Supply Input Pin. Must be closely decoupled to GND, Pin 2, with a 2.2µF or
greater ceramic capacitor.
6
FB
Feedback input pin Internal reference voltage for the error amplifier is
1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com