Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC403 Datasheet(PDF) 1 Page - AUK corp

Part # STC403
Description  NPN Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STC403 Datasheet(HTML) 1 Page - AUK corp

  STC403 Datasheet HTML 1Page - AUK corp STC403 Datasheet HTML 2Page - AUK corp STC403 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-H001-001
1
STC403
NPN Silicon Transistor
Features
• Power Transistor General Purpose application
• Low saturation voltage
: VCE(SAT)=0.4V Typ.
• High Voltage : VCEO=60V Min.
Ordering Information
Type NO.
Marking
Package Code
STC403
STC403
TO-220F
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Base
2. Collector
3. Emitter


Similar Part No. - STC403

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STC403 KODENSHI-STC403 Datasheet
242Kb / 5P
NPN Silicon Transistor
STC403 KODENSHI-STC403 Datasheet
242Kb / 5P
NPN Silicon Transistor
logo
AUK corp
STC403D AUK-STC403D Datasheet
85Kb / 3P
NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC403D KODENSHI-STC403D Datasheet
333Kb / 6P
NPN Silicon Transistor
STC403D KODENSHI-STC403D Datasheet
333Kb / 6P
NPN Silicon Transistor
More results

Similar Description - STC403

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com