Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5LP01SS Datasheet(PDF) 3 Page - ON Semiconductor

Part # 5LP01SS
Description  P-Channel Small Signal MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

5LP01SS Datasheet(HTML) 3 Page - ON Semiconductor

  5LP01SS Datasheet HTML 1Page - ON Semiconductor 5LP01SS Datasheet HTML 2Page - ON Semiconductor 5LP01SS Datasheet HTML 3Page - ON Semiconductor 5LP01SS Datasheet HTML 4Page - ON Semiconductor 5LP01SS Datasheet HTML 5Page - ON Semiconductor 5LP01SS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5LP01SS
No.6622-3/6
SW Time -- ID
--0.01
10
--0.1
23
5
7
100
7
5
3
2
7
5
3
2
1000
VDD= --25V
VGS = --4V
--0.5
--0.01
--0.8
--0.9
--1.0
--1.1
--0.6
--0.7
--0.1
3
2
7
5
3
2
--1.2
VGS=0V
IS -- VSD
IT00098
IT00099
td(on)
td(off)
tr
tf
--0.01
0.01
--0.1
23
5
7
2
3
0.1
1.0
7
5
3
2
7
5
3
2
⎪yfs⎪ -- ID
VDS= --10V
--60
10
--40
15
--20
20
0
25
30
20
35
40
60
40
80
100
120
140
160
RDS(on) -- Ta
IT00096
IT00097
I D
= -
-20mA,
V GS
= -
-2.5V
I D
= -
-40mA,
V GS
= -
-4.0V
Ta= --25
°C
75°C
25°C
--0.01
10
--0.1
23
5
7
2
3
--0.001
--0.01
23
5
7
2
3
1000
100
7
5
3
2
7
5
3
2
RDS(on) -- ID
VGS= --2.5V
10
100
7
5
3
2
RDS(on) -- ID
VGS= --1.5V
IT00094
IT00095
Ta=75
°C
25
°C
--25
°C
Ta=75
°C
25
°C
--25
°C
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain Current, ID -- A
Ambient Temperature, Ta --
°C
Drain Current, ID -- A
Drain Current, ID -- A
0
10
--1
15
--2
20
--3
25
30
--4
--5
35
--6
40
--7
--8
--9
--10
RDS(on) -- VGS
Ta=25
°C
--0.01
10
--0.1
23
5
7
2
3
100
7
5
3
2
RDS(on) -- ID
VGS= --4V
IT00092
IT00093
Ta=75
°C
25
°C
--25
°C
--20mA
ID= --40mA
Drain Current, ID -- A
Gate to Source Voltage, VGS -- V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com