Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS464H Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS464H
Description  Single Coil Predriver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS464H Datasheet(HTML) 1 Page - ON Semiconductor

  CS464H Datasheet HTML 1Page - ON Semiconductor CS464H Datasheet HTML 2Page - ON Semiconductor CS464H Datasheet HTML 3Page - ON Semiconductor CS464H Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
s
40mA Driver
s
Stall Timing
s
Output Clamp
s
Overvoltage Shutdown
Package Options
Single Coil Predriver
CS464
Description
Application Diagram
Absolute Maximum Ratings
1
MB
NC
NC
CR
IN+
NC
NC
Gnd
CS
S
NC
OUT
IC
D
NC
VCC
Flip-Chip
1
16 Lead SO Wide
December, 2001 - Rev. 11
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS464, Single Coil Predriver,
provides interface control for the
current through a primary igni-
tion coil. Features include out-
put current control, input nega-
tive edge filtering, stall timing
and over-voltage shutdown. The
IC is available as a bumped flip-
chip or packaged in a 16 lead SO
wide package.
Lead Temperature Soldering
Reflow (SMD styles only)...........60 sec. max above 183°C, 230°C peak
Continuous Power Supply @ VBAT, -40°C < TA < 55°C .............5V to 24V
Continuous Power Supply @ VBAT, 55°C < TA < 140°C.............6V to 18V
Frequency .......................................................................................5 to 400Hz
Over the extended ranges of temperature, voltage, and frequency not
covered by normal operating conditions, low frequency and run related
functions are allowed an additional 20% on specification limits. The
degradation shall not be permanent, and upon returning to normal
operating conditions shall be within the specification limits. Non-nor-
mal “Run Mode” operation is 45 hours cumulative life not exceeding a
continuous run time of 10 minutes with a 10 minute “Off” time follow-
ing each successive operating cycle.
12V
0V
40Hz
VIN
RIN+
10k
RMB
10.7k
CR
0.1
µF
50V
ZD
18V
CVCC
0.1
µF
RD, 55
Ω, 5W
RVCC, 330
CS464
RIC2
4k
RIC1
200
CS
0.47
µF
50V
N1
N2
RS1
56
RS2
0.05
Ω, 5W
Adjust for 6.5A Coil Current
MB
NC
NC
CR
IN+
NC
NC
Gnd
CS
S
NC
OUT
IC
D
NC
VCC
VBAT


Similar Part No. - CS464H

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS464 CHERRY-CS464 Datasheet
162Kb / 4P
Single Coil Predriver
Rev. 3/1/99
CS464YDW16 CHERRY-CS464YDW16 Datasheet
162Kb / 4P
Single Coil Predriver
Rev. 3/1/99
CS464YDWR16 CHERRY-CS464YDWR16 Datasheet
162Kb / 4P
Single Coil Predriver
Rev. 3/1/99
More results

Similar Description - CS464H

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS464 CHERRY-CS464 Datasheet
162Kb / 4P
Single Coil Predriver
Rev. 3/1/99
logo
Anachip Corp
AP1306 ANACHIP-AP1306 Datasheet
159Kb / 5P
Two Coil Fan Motor Predriver
Rev. 0.5 Apr 16, 2004
logo
ON Semiconductor
CS8312 ONSEMI-CS8312 Datasheet
59Kb / 8P
IGBT Ignition Predriver
March, 2001 ??Rev. 4
logo
Anachip Corp
AP1307 ANACHIP-AP1307 Datasheet
161Kb / 5P
Two Coil Fan Motor Predriver
Rev. 0.4 Apr 16, 2004
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
Brushless motor predriver
20-Mar-2006
logo
Anachip Corp
AP1346 ANACHIP-AP1346 Datasheet
170Kb / 5P
Two Coil Fan Motor Predriver
Rev. 0.0 Jun 9, 2004
logo
Silicon Touch Technolog...
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
Double Coil Brushless DC Motor Predriver
logo
Texas Instruments
TMP815 TI1-TMP815_15 Datasheet
3Mb / 20P
Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
Variable Speed Single-phase Full-wave Fan Motor Predriver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com