Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8442 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8442
Description  Stepper Motor Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8442 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8442 Datasheet HTML 1Page - ON Semiconductor CS8442 Datasheet HTML 2Page - ON Semiconductor CS8442 Datasheet HTML 3Page - ON Semiconductor CS8442 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Characteristics: Unless otherwise stated, these specifications apply for -40˚C to +105˚C, VCC = 6.5 to 15.5 VDC. All
voltage shall be referenced to Gnd unless otherwise noted. Overvoltage shutdown of coils occurs when VCC > 16V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
* Voltage across the coils shall be measured at the specific voltages, but shall also be within linearly interpolated limits.
s Supply
Supply Voltage Range
TA = -40°C to +105°C
6.5
15.5
α
TA = -40°C to +25°C
6.5
24.0
α
Supply Current
VCC = 15.5 VDC
35
mA
Outputs not loaded
Overvoltage Shutdown
16
23
V
s Speed Sensor
Input Frequency Range
0
400
Hz
Switching Threshold
1.6
3.0
VDC
Hysteresis
300
mV
Input Bias Current
VIN = 0.8VDC to VCC
±1
µA
Input Voltage Range
0
8
VDC
Operating Input Voltage
10K Ohm Resistor in Series
-15
VDC
to VCC
Output Saturation Voltage
ICC = 1.3mA
0.4
V
Output Leakage
VCC = 5.5V
10
µA
Input Clamp Current
I Clamp at VIN = 0 VDC
-0.4
-5.0
mA
s Coil Output Drivers
Coil Load
+25°C
198
210
222
Ω
Coil Inductance
80
mH
Coil Resistance Temperature
Coefficient
0.39
%/°C
* Energized Coil Voltage
(Both Polarities) A and B
VCC = 6.5 VDC
VCC - 1.50
VDC
VCC = 10.0 VDC
VCC - 1.60
VDC
VCC = 15.5 VDC, TA= -20°C to +105°C VCC - 1.75
VDC
VCC = 15.5 VDC, TA= -40°C to -20°C
VCC - 2.00
VDC
De-Energized Coil Leakage
±100
µA
Current
s Short Circuit Protection
Short Circuit Threshold
275
400
mA
Coil A + Coil B
Short Circuit Turn Off Delay
5
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com