Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100352 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100352
Description  Low Power 8-Bit Buffer with Cut-Off Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100352 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100352 Datasheet HTML 1Page - National Semiconductor (TI) 100352 Datasheet HTML 2Page - National Semiconductor (TI) 100352 Datasheet HTML 3Page - National Semiconductor (TI) 100352 Datasheet HTML 4Page - National Semiconductor (TI) 100352 Datasheet HTML 5Page - National Semiconductor (TI) 100352 Datasheet HTML 6Page - National Semiconductor (TI) 100352 Datasheet HTML 7Page - National Semiconductor (TI) 100352 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100352
Low Power 8-Bit Buffer with Cut-Off Drivers
General Description
The 100352 contains an 8-bit buffer, individual inputs (Dn),
outputs (Qn), and a data output enable pin (OEN). A Q out-
put follows its D input when the OEN pin is LOW. A HIGH on
OEN holds the outputs in a cut-off state. The cut-off state is
designed to be more negative than a normal ECL LOW level.
This allows the output emitter-followers to turn off when the
termination supply is −2.0V, presenting a high impedance to
the data bus. This high impedance reduces termination
power and prevents loss of low state noise margin when sev-
eral loads share the bus.
The 100352 outputs are designed to drive a doubly termi-
nated 50
Ω transmission line (25Ω load impedance). All in-
puts have 50 k
Ω pull-down resistors.
Features
n Cut-off drivers
n Drives 25
Ω load
n Low power operation
n 2000V ESD protection
n Voltage compensated operating range = −4.2V to −5.7V
n Available to industrial grade temperature range
n Available to MIL-STD-883
Logic Symbol
Pin Names
Description
D
0–D7
Data Inputs
OEN
Output Enable Input
Q
0–Q7
Data Outputs
NC
No Connect
DS100296-1
August 1998
© 1998 National Semiconductor Corporation
DS100296
www.national.com


Similar Part No. - 100352

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100352 FAIRCHILD-100352 Datasheet
71Kb / 8P
Low Power 8-Bit Buffer with Cut-Off Drivers
logo
Weidmuller
1003520000 WEIDMULLER-1003520000 Datasheet
434Kb / 5P
SL-SMT 3.50/03/135F 3.2SN BK BX
logo
FCI connector
10035202-001LF FCI-CONNECTOR-10035202-001LF Datasheet
228Kb / 4P
SAS RECEPTACLE R/A SMT ASSY
10035202-001TRLF FCI-CONNECTOR-10035202-001TRLF Datasheet
228Kb / 4P
SAS RECEPTACLE R/A SMT ASSY
10035202-002C-TRLF FCI-CONNECTOR-10035202-002C-TRLF Datasheet
228Kb / 4P
SAS RECEPTACLE R/A SMT ASSY
More results

Similar Description - 100352

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100344 NSC-100344 Datasheet
170Kb / 8P
Low Power 8-Bit Latch with Cut-Off Drivers
logo
Fairchild Semiconductor
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
Low Power Quad Differential Line Driver with Cut-Off
100319 FAIRCHILD-100319 Datasheet
53Kb / 6P
Low Power Hex Line Driver with Cut-Off
100344 FAIRCHILD-100344 Datasheet
71Kb / 7P
Low Power 8-Bit Latch with Cut-Off Drivers
100352 FAIRCHILD-100352 Datasheet
71Kb / 8P
Low Power 8-Bit Buffer with Cut-Off Drivers
100354 FAIRCHILD-100354 Datasheet
91Kb / 9P
Low Power 8-Bit Register with Cut-Off Drivers
logo
Molex Electronics Ltd.
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
Cut Off Punch
11-18-4109 MOLEX11-11-18-4109 Datasheet
32Kb / 1P
Cut-off Punch
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
Cut-off Punch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com