Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2LS-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM2LS-NZ
Description  Input / Output Isolation 1500 and 3000 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2LS-NZ Datasheet(HTML) 2 Page - AIMTEC

  AM2LS-NZ Datasheet HTML 1Page - AIMTEC AM2LS-NZ Datasheet HTML 2Page - AIMTEC AM2LS-NZ Datasheet HTML 3Page - AIMTEC AM2LS-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM2LS-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
2 of 4
North America only
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
60 sec
1500 & 3000
VDC
Resistance
500VDC
>1000
MOhm
Capacitance
20
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
100% load (see tolerance chart)
±2.5
%
Short Circuit protection
12 & 15 VDC input models 1500VDC models only
Continuous
Auto Recovery
5 & 24 VDC Input models & 3000VDC models
1
Sec
Line voltage regulation
For ±1% of Vin
3.3V models only
±1.5
±1.2
% of Vin
Load voltage regulation
(10% - 100% load)
3.3V
5 V
9 V
12 V
15 V
24 V
18
12
9
8
7
6
%
Temperature coefficient
100% load
±0.03
%/
oC
Ripple & Noise
At 20 MHz Bandwidth
150
mV p-p
* Products with 5Vdc and 24Vdc input voltage; the supply voltage must be discontinued at the end of short circuit duration.
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100
300
KHz
Operating temperature
With derating
3.3V & 5V above +71C
Others +85C
-40 to +105
oC
Storage temperature
-55 to +125
oC
Cooling
Free air convection
Storage Humidity
Non Condensing
95
% RH
Case material
Epoxy resin (UL94-V0)
Weight
1500VDC models
3000VDC models
1.4
1.6
g
Dimensions (L x W x H)
0.50 x 0.44 x 0.28 inches
12.70 x 11.20 x 7.25 mm
MTBF
>3,500,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Maximum soldering temperature
1.5mm from case for 10 sec
300
oC
Maximum case temperature
105
oC
Safety Specifications
Parameters
Standards
EN 55022, Class B, with external filter
IEC 61000-4-2, Contact ±8KV, Criteria B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com