Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3N-D-R-Z Datasheet(PDF) 2 Page - AIMTEC

Part # AM3N-D-R-Z
Description  Input / Output Isolation 1000, 3000 and 5200VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3N-D-R-Z Datasheet(HTML) 2 Page - AIMTEC

  AM3N-D-R-Z Datasheet HTML 1Page - AIMTEC AM3N-D-R-Z Datasheet HTML 2Page - AIMTEC AM3N-D-R-Z Datasheet HTML 3Page - AIMTEC AM3N-D-R-Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM3N-D-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.D
2 of 4
North America only
AM3N-2415DH30-RZ
21.6-26.4
±15
±100
3000
±470
78
Models
Dual output (Continue)
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM3N-2418DH30-RZ
21.6-26.4
±18
±84
3000
±220
65
AM3N-2424DH30-RZ
21.6-26.4
±24
±63
3000
±220
76
AM3N-0503DH52-RZ
4.5-5.5
±3.3
±400
5200
±1000
64
AM3N-0505DH52-RZ
4.5-5.5
±5
±300
5200
±1000
66
AM3N-0507DH52-RZ
4.5-5.5
±7.2
±208
5200
±470
53
AM3N-0509DH52-RZ
4.5-5.5
±9
±167
5200
±470
68
AM3N-0512DH52-RZ
4.5-5.5
±12
±125
5200
±470
70
AM3N-0515DH52-RZ
4.5-5.5
±15
±100
5200
±470
70
AM3N-0518DH52-RZ
4.5-5.5
±18
±84
5200
±220
57
AM3N-0524DH52-RZ
4.5-5.5
±24
±63
5200
±220
69
AM3N-1203DH52-RZ
10.8-13.2
±3.3
±400
5200
±1000
64
AM3N-1205DH52-RZ
10.8-13.2
±5
±300
5200
±1000
75
AM3N-1207DH52-RZ
10.8-13.2
±7.2
±208
5200
±470
55
AM3N-1209DH52-RZ
10.8-13.2
±9
±167
5200
±470
78
AM3N-1212DH52-RZ
10.8-13.2
±12
±125
5200
±470
80
AM3N-1215DH52-RZ
10.8-13.2
±15
±100
5200
±470
78
AM3N-1218DH52-RZ
10.8-13.2
±18
±84
5200
±220
62
AM3N-1224DH52-RZ
10.8-13.2
±24
±63
5200
±220
76
AM3N-2403DH52-RZ
21.6-26.4
±3.3
±400
5200
±1000
64
AM3N-2405DH52-RZ
21.6-26.4
±5
±300
5200
±1000
77
AM3N-2407DH52-RZ
21.6-26.4
±7.2
±208
5200
±470
53
AM3N-2409DH52-RZ
21.6-26.4
±9
±167
5200
±470
78
AM3N-2412DH52-RZ
21.6-26.4
±12
±125
5200
±470
80
AM3N-2415DH52-RZ
21.6-26.4
±15
±100
5200
±470
78
AM3N-2418DH52-RZ
21.6-26.4
±18
±84
5200
±220
65
AM3N-2424DH52-RZ
21.6-26.4
±24
±63
5200
±220
76
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
4.5-5.5
10.8-13.2
21.6-26.4
VDC
Filter
 (Pi) Network
Turn on Transient process time
100
ms
Start up time
300
ms
Absolute Maximum Rating
5 Vin
12 Vin
24 Vin
0-7
0-15
0-28
VDC
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1000, 3000 and 5200
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Voltage balance
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto-recovery



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com