Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3TIW-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM3TIW-RZ
Description  Input / Output Isolation 1500 or 3000 VDC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TIW-RZ Datasheet(HTML) 1 Page - AIMTEC

  AM3TIW-RZ Datasheet HTML 1Page - AIMTEC AM3TIW-RZ Datasheet HTML 2Page - AIMTEC AM3TIW-RZ Datasheet HTML 3Page - AIMTEC AM3TIW-RZ Datasheet HTML 4Page - AIMTEC AM3TIW-RZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM3TIW-RZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 5
North America only
FEATURES:
 No Minimum Load
 Operating Temperature -40 to +85oC
 24 Pin DIP Package
 Input / Output Isolation 1500 or 3000 VDC
 Wide 4:1 Input Range
 Internal EMC Filter Meets EN55022 Class A
 High Efficiency up to 81%
 Over Load Protection
 Continuous Short Circuit Protection
 Input Under Voltage Protection
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
Max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Input Current
Full | No Load
(mA)
Efficiency
(%)
AM3TIW-2403S-RZ
9-36
3.3
900
1500
470
167
10
73
AM3TIW-2405S-RZ
9-36
5
600
1500
470
160
10
77
AM3TIW-2412S-RZ
9-36
12
250
1500
100
156
10
81
AM3TIW-2415S-RZ
9-36
15
200
1500
100
154
10
81
AM3TIW-2424S-RZ
9-36
24
125
1500
47
154
10
81
AM3TIW-4803S-RZ
18-75
3.3
900
1500
470
84
7
75
AM3TIW-4805S-RZ
18-75
5
600
1500
470
80
7
79
AM3TIW-4812S-RZ
18-75
12
250
1500
100
78
7
81
AM3TIW-4815S-RZ
18-75
15
200
1500
100
77
7
81
AM3TIW-4824S-RZ
18-75
24
125
1500
47
77
7
81
AM3TIW-2403SH30-RZ
9-36
3.3
900
3000
470
167
10
73
AM3TIW-2405SH30-RZ
9-36
5
600
3000
470
160
10
77
AM3TIW-2412SH30-RZ
9-36
12
250
3000
100
156
10
81
AM3TIW-2415SH30-RZ
9-36
15
200
3000
100
154
10
81
AM3TIW-2424SH30-RZ
9-36
24
125
3000
47
154
10
81
AM3TIW-4803SH30-RZ
18-75
3.3
900
3000
470
84
7
75
AM3TIW-4805SH30-RZ
18-75
5
600
3000
470
80
7
79
AM3TIW-4812SH30-RZ
18-75
12
250
3000
100
78
7
81
AM3TIW-4815SH30-RZ
18-75
15
200
3000
100
77
7
81
AM3TIW-4824SH30-RZ
18-75
24
125
3000
47
77
7
81
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Input Current
Full | No Load
(mA)
Efficiency
(%)
AM3TIW-2403D-RZ
9-36
±3.3
±450
1500
±220
167
10
75
AM3TIW-2405D-RZ
9-36
±5
±300
1500
±220
160
10
79
AM3TIW-2412D-RZ
9-36
±12
±125
1500
±100
156
10
81
AM3TIW-2415D-RZ
9-36
±15
±100
1500
±100
156
15
81
AM3TIW-2424D-RZ
9-36
±24
±63
1500
±47
159
20
81
AM3TIW-4803D-RZ
18-75
±3.3
±450
1500
±220
84
7
77
AM3TIW-4805D-RZ
18-75
±5
±300
1500
±220
78
7
81
AM3TIW-4812D-RZ
18-75
±12
±125
1500
±100
78
7
81
AM3TIW-4815D-RZ
18-75
±15
±100
1500
±100
78
7
81
AM3TIW-4824D-RZ
18-75
±24
±63
1500
±47
81
10
79
AM3TIW-2403DH30-RZ
9-36
±3.3
±450
3000
±220
167
10
75
AM3TIW-2405DH30-RZ
9-36
±5
±300
3000
±220
160
10
79
AM3TIW-2412DH30-RZ
9-36
±12
±125
3000
±100
156
10
81
AM3TIW-2415DH30-RZ
9-36
±15
±100
3000
±100
156
15
81
AM3TIW-2424DH30-RZ
9-36
±24
±63
3000
±47
159
20
81
AM3TIW-4803DH30-RZ
18-75
±3.3
±450
3000
±220
84
7
77
AM3TIW-4805DH30-RZ
18-75
±5
±300
3000
±220
78
7
81
Click on Series name for product info on aimtec.com


Similar Part No. - AM3TIW-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3TIW-RZ AIMTEC-AM3TIW-RZ_16 Datasheet
205Kb / 5P
3 Watt | DC-DC Converter
More results

Similar Description - AM3TIW-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
Input / Output Isolation 1500 or 3000 VDC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
Input / Output Isolation 1500 and 3000 VDC
AM6TIW-RZ AIMTEC-AM6TIW-RZ Datasheet
174Kb / 4P
Input / Output Isolation 1500 and 3000VDC
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
1500 VDC Isolation, 3000 VDC Option
logo
Texas Instruments
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
1500 VDC Isolation
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
1500 VDC Isolation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com