Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6TIW-2403S-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM6TIW-2403S-RZ
Description  Input / Output Isolation 1500 and 3000VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TIW-2403S-RZ Datasheet(HTML) 1 Page - AIMTEC

  AM6TIW-2403S-RZ Datasheet HTML 1Page - AIMTEC AM6TIW-2403S-RZ Datasheet HTML 2Page - AIMTEC AM6TIW-2403S-RZ Datasheet HTML 3Page - AIMTEC AM6TIW-2403S-RZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM6TIW-RZ
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 4
North America only
FEATURES:
• Under Voltage Lockout
• High efficiency up to 84%
• Operating temperature -40oC to + 85oC
• Continuous short circuit protection
• 24 Pin DIP Package
• Input / Output Isolation 1500 and 3000VDC
• Wide 4:1 input range
• Over Load Protection
• Pin compatible with multiple manufacturers
• Input Under Voltage Protection
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage (V)
Output Current
max (mA)
Efficiency
(%)
Capacitive
load, max (
μF)
Isolation
(VDC)
AM6TIW -2403S-RZ
9-36
3.3
1400
78
470
1500
AM6TIW -2405S-RZ
9-36
5
1200
80
470
1500
AM6TIW -2412S-RZ
9-36
12
500
84
100
1500
AM6TIW -2415S-RZ
9-36
15
400
84
100
1500
AM6TIW -2424S-RZ
9-36
24
250
84
47
1500
AM6TIW -4803S-RZ
18-75
3.3
1400
76
470
1500
AM6TIW -4805S-RZ
18-75
5
1200
82
470
1500
AM6TIW -4812S-RZ
18-75
12
500
84
100
1500
AM6TIW -4815S-RZ
18-75
15
400
84
100
1500
AM6TIW -4824S-RZ
18-75
24
250
84
47
1500
AM6TIW -2403SH30-RZ
9-36
3.3
1400
78
470
3000
AM6TIW -2405SH30-RZ
9-36
5
1200
80
470
3000
AM6TIW -2412SH30-RZ
9-36
12
500
84
100
3000
AM6TIW -2415SH30-RZ
9-36
15
400
84
100
3000
AM6TIW -2424SH30-RZ
9-36
24
250
84
47
3000
AM6TIW -4803SH30-RZ
18-75
3.3
1400
76
470
3000
AM6TIW -4805SH30-RZ
18-75
5
1200
82
470
3000
AM6TIW -4812SH30-RZ
18-75
12
500
84
100
3000
AM6TIW -4815SH30-RZ
18-75
15
400
84
100
3000
AM6TIW -4824SH30-RZ
18-75
24
250
84
47
3000
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage (V)
Output Current
max (mA)
Efficiency
(%)
Capacitive
load, max (μF)
Isolation
(VDC)
AM6TIW -2403D-RZ
9-36
±3.3
±909
78
±220
1500
AM6TIW -2405D-RZ
9-36
±5
±600
82
±220
1500
AM6TIW -2412D-RZ
9-36
±12
±250
84
±100
1500
AM6TIW -2415D-RZ
9-36
±15
±200
84
±100
1500
AM6TIW -2424D-RZ
9-36
±24
±125
82
±47
1500
AM6TIW -4803D-RZ
18-75
±3.3
±909
78
±220
1500
AM6TIW -4805D-RZ
18-75
±5
±600
82
±220
1500
AM6TIW -4812D-RZ
18-75
±12
±250
84
±100
1500
AM6TIW -4815D-RZ
18-75
±15
±200
84
±100
1500
AM6TIW -4824D-RZ
18-75
±24
±125
80
±47
1500
AM6TIW -2403DH30-RZ
9-36
±3.3
±909
78
±220
3000
AM6TIW -2405DH30-RZ
9-36
±5
±600
82
±220
3000
AM6TIW -2412DH30-RZ
9-36
±12
±250
84
±100
3000
AM6TIW -2415DH30-RZ
9-36
±15
±200
84
±100
3000
AM6TIW -2424DH30-RZ
9-36
±24
±125
82
±47
3000
AM6TIW -4803DH30-RZ
18-75
±3.3
±909
78
±220
3000
Click on Series name for product info on aimtec.com


Similar Part No. - AM6TIW-2403S-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TIW-2403S-RZ AIMTEC-AM6TIW-2403S-RZ Datasheet
344Kb / 4P
6 Watt | DC-DC Converter
More results

Similar Description - AM6TIW-2403S-RZ

ManufacturerPart #DatasheetDescription
logo
CET Technology, LLC
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-2W CETTECHNOLOGY-CT-12D-2W Datasheet
688Kb / 2P
3000Vdc Isolation Single & Dual Output 2 Watt Dc-Dc Converter
CT-12D-3W CETTECHNOLOGY-CT-12D-3W Datasheet
691Kb / 2P
3000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
logo
AIMTEC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
Input / Output Isolation 1500 or 3000 VDC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
Input / Output Isolation 1500 and 3000 VDC
AM6TI-Z AIMTEC-AM6TI-Z Datasheet
190Kb / 4P
Input / Output Isolation 1500 and 3000VDC
AM3G-NZ AIMTEC-AM3G-NZ_16 Datasheet
205Kb / 5P
1500 and 3000VDC I/O Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com