Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK596M Datasheet(PDF) 2 Page - AUK corp

Part # STK596M
Description  N-Channel Junction FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK596M Datasheet(HTML) 2 Page - AUK corp

  STK596M Datasheet HTML 1Page - AUK corp STK596M Datasheet HTML 2Page - AUK corp STK596M Datasheet HTML 3Page - AUK corp STK596M Datasheet HTML 4Page - AUK corp STK596M Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KST-I017-001
2
STK596M
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Gate-Drain voltage
VGDO
-20
V
Gate Current
IG
10
mA
Drain Current
ID
1
mA
Power dissipation
PD
100
mW
Junction Temperature
TJ
150
°C
Storage Temperature range
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Gate-drain breakdown voltage
V(BR)GDO
IG=-100µA
-20
V
Cutoff voltage
VGS(off)
VDS=5V, ID=1 ㎂
-0.6
-1.5
V
Zero Voltage Drain current
IDSS
VDS=5V, VGS=0
100
800
µA
Forward transfer admittance
|
yfs|
VDS=5V, VGS=0, f=1KHz
0.4
1.2
mS
Input capacitance
Ciss
VDS=5V, VGS=0, f=1MHz
3.5
pF
Reverse Transfer capacitance
Crss
VDS=5V, VGS=0, f=1MHz
0.65
pF
Output Noise Voltage
VNO
V
IN=0, A CURVE
-110
dB
IDSS Classification
Classification
A
B
C
D
E
IDSS[㎂]
100 ~ 170
150 ~ 240
210 ~ 350
320 ~ 480
440 ~ 800
Noise Voltage Test Circuit
VTVM
VCC=+4.5V
Cin=15p
1kΩ
JIS A
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com