Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP090-RBCM1 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP090-RBCM1
Description  Display, Electrocardiogram (EC G), Respirator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP090-RBCM1 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP090-RBCM1 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
Power supply can deliver 90W continuous output power.
High efficiency & compact dimension with an IEC 320/C 8
(FSP090-RBC M1) or IEC 320/C 6 (FSP090-RBBM1) inlet to
mate with interchangeable cord for world-wide use.
APPLICATION
Display, Electrocardiogram (EC G), Respirator
FEATURES
Input voltage range 85~264Vac
Slim design 140 * 71 * 22 mm
High altitude 5000M operation
Meet EN 55011 / EN 55022 and FC C class B emission
OVP, OC P, OTP protection
C ompliant with Energy Star efficienct level V
* No load power consumption less than 0.5W
* Avergy active efficiency greater than 87%
Optional output connectors
W ATTAGE
Wattage:
90W
DIMENSION
Dimension:
140mm(L) x 71mm(W) x
22mm(H)
INPUT SPECIFICATION
Input Range:
90-264 Vac
Input F requency :
47-63 Hz
Leakage Current:
100 uA @ 264Vac / 63 Hz
SAFETY STANDARD APPAOVAL
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Operating Temperature:0°C to
+40°C
Storage Temperature: -20°C to +
85℃
Humidity :
Operating : 5% to 95% RH, Non-
condensing
OUTPUT ELECTRICAL
Single Output:
19 V/ 4.74 A
Line Regulation:
+/- 1%
Load Regulation:
+/- 5%
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Medical PSU
FSP090-RBCM1 / FSP090-RBBM1


Similar Part No. - FSP090-RBCM1

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP090-RABM1 FSP-FSP090-RABM1 Datasheet
66Kb / 1P
Display, Electrocardiogram (EC G), Respirator
FSP090-RACM1 FSP-FSP090-RACM1 Datasheet
66Kb / 1P
Display, Electrocardiogram (EC G), Respirator
FSP090-RDCM1 FSP-FSP090-RDCM1 Datasheet
66Kb / 1P
Display, Electrocardiogram (EC G), Respirator
FSP090-RHBM1 FSP-FSP090-RHBM1 Datasheet
66Kb / 1P
Display, Electrocardiogram (EC G), Respirator
FSP090-RHCM1 FSP-FSP090-RHCM1 Datasheet
66Kb / 1P
Display, Electrocardiogram (EC G), Respirator
More results

Similar Description - FSP090-RBCM1

ManufacturerPart #DatasheetDescription
logo
ebm-papst
ACI4420ML EBMPAPST-ACI4420ML Datasheet
3Mb / 4P
EC axial fan
logo
3M Electronics
07025 3M-07025 Datasheet
162Kb / 1P
3M Half Facepiece Reusable Respirator 6200/07025
logo
FSP TECHNOLOGY INC.
FSP090-RACM1 FSP-FSP090-RACM1 Datasheet
66Kb / 1P
Display, Electrocardiogram (EC G), Respirator
FSP090-RDCM1 FSP-FSP090-RDCM1 Datasheet
66Kb / 1P
Display, Electrocardiogram (EC G), Respirator
FSP090-RHCM1 FSP-FSP090-RHCM1 Datasheet
66Kb / 1P
Display, Electrocardiogram (EC G), Respirator
logo
ebm-papst
ACI4420ML EBMPAPST-ACI4420ML_16 Datasheet
579Kb / 4P
EC axial fan
logo
PHOENIX CONTACT
1411440 PHOENIX-1411440 Datasheet
72Kb / 3P
Cable gland - HC-B-G-M32-EC-AL
1411446 PHOENIX-1411446 Datasheet
72Kb / 3P
Cable gland - HC-B-G-M25-EC-AL
logo
3M Electronics
8511P 3M-8511P Datasheet
342Kb / 2P
3M??Particulate Respirator
8293T 3M-8293T Datasheet
46Kb / 1P
3M??Particulate Respirator 8293T, P100 20/case
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com