Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP100-RAA Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP100-RAA
Description  AIO systems, PC systems, laptops
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP100-RAA Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP100-RAA Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This product is a 100 watts AC to DC adapter intended for
use for use in AIO systems, PC systems, laptops that have
a middle wattage demands. This adapter operates at 90 to
264 VAC input voltage. The unit meets EN55022, EN55024
and FC C class B emission limits, and is designed for ITE
application. This adapter operates at 90 to 264 VAC input
voltage. The unit meets EN55022, EN55024 and FC C class
B emission limits, and is designed for ITE application.
APPLICATION
AIO systems, PC systems, laptops
FEATURES
Meet Energy Star EPS2.0/ErP lot 7
Meet DOE Level VI
High Altitude 5,000M
High Reliability
EMC Standard: EN55022 C LASS B / EN55024 C LASS B
Over C urrent Protection
Over Temperature Protection
Over Voltage Protection
W ATTAGE
Wattage:
100W
PRODUCT HIGHLIGHT
V-Output:
24V
O/P Current:
4.16A
Socket Ty pe:
C 14
INPUT ELECTRICAL
Input Voltage:
90 ~ 264 V
Input F requency :
47 ~ 63 Hz
Input Current:
2.8 A
OUTPUT ELECTRICAL
Single Output:
24 V/ 4.16 A
SAFETY STANDARD APPAOVAL
NO LOAD AND EFFICIENCY
No Load:
0.21 Watts
Efficiency :
≧88 %
DOE Lev el :
VI
PROTECTION
Protection:
OVP,OC P,OTP
ENVIRONMENTAL REQUIREMENTS
TEMP. Range:
Storage : -40 to + 60 ℃
Humidity :
Operating: 10% RH, Non-condensing
Storage: 5% RH, Non-condensing
Altitude :
5000 M
MTBF :
200,000 hours at typical load at 25℃
ambient base on SR332
MECHANICAL
Dimension:
146.2mm(L) x 75.2mm(W) x 39mm(H)
LED Indicator:
No
On/ Off Switch: No
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Adapter
FSP100-RAA


Similar Part No. - FSP100-RAA

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
Medical and ITE approvals
FSP100-1K20M1 FSP-FSP100-1K20M1 Datasheet
153Kb / 1P
Medical and ITE approvals
FSP100-1K30M1 FSP-FSP100-1K30M1 Datasheet
154Kb / 1P
Medical and ITE approvals
FSP100-1K31M1 FSP-FSP100-1K31M1 Datasheet
154Kb / 1P
Medical and ITE approvals
FSP100-1K40M1 FSP-FSP100-1K40M1 Datasheet
153Kb / 1P
Medical and ITE approvals
More results

Similar Description - FSP100-RAA

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
PC40 ADL-PC40 Datasheet
213Kb / 2P
MICROSPACE PC Systems
PC41 ADL-PC41 Datasheet
210Kb / 2P
MICROSPACE PC Systems
PCX48 ADL-PCX48 Datasheet
77Kb / 2P
MICROSPACE PC Systems
logo
FSP TECHNOLOGY INC.
FSP090-D2BA1 FSP-FSP090-D2BA1 Datasheet
123Kb / 1P
AIO systems, Laptops, PC systems, printers
FSP090-D2CA1 FSP-FSP090-D2CA1 Datasheet
151Kb / 1P
AIO systems, Laptops, PC systems, Printers
FSP090-DIEBN2 FSP-FSP090-DIEBN2 Datasheet
239Kb / 1P
AIO systems, PC systems, Mini-ITX systems, Embedded systems
FSP150-ABAN2 FSP-FSP150-ABAN2 Datasheet
137Kb / 1P
AIO systems, PC systems, Mini-ITX systems
FSP150-ABBN2 FSP-FSP150-ABBN2 Datasheet
137Kb / 1P
AIO systems, PC systems, Mini-ITX systems
FSP180-ABAN2 FSP-FSP180-ABAN2 Datasheet
120Kb / 1P
AIO, PC systems, Mini-ITX systems
FSP180-ABBN2 FSP-FSP180-ABBN2 Datasheet
120Kb / 1P
AIO, PC systems, mini-ITX systems
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com