Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS1087-R12K-RC Datasheet(PDF) 6 Page - Allied Components International

Part # PCS1087-R12K-RC
Description  Power Choke Shielded
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS1087-R12K-RC Datasheet(HTML) 6 Page - Allied Components International

  PCS1087-R12K-RC Datasheet HTML 1Page - Allied Components International PCS1087-R12K-RC Datasheet HTML 2Page - Allied Components International PCS1087-R12K-RC Datasheet HTML 3Page - Allied Components International PCS1087-R12K-RC Datasheet HTML 4Page - Allied Components International PCS1087-R12K-RC Datasheet HTML 5Page - Allied Components International PCS1087-R12K-RC Datasheet HTML 6Page - Allied Components International PCS1087-R12K-RC Datasheet HTML 7Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Power Choke Shielded
PCS1087
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
09/19/2014
L vs DC BIAS
TEMPERATURE RISE T (°C) VS DC BIAS (Amps)
PCS1087-R27K-RC
∆
∆
256
251
98.08%
96.17%
45
223
85.44%
163
242
92.72%
40
50
DC BIAS(A)
0
5
25
30
35
10
15
20
99.62%
261
261
261
261
261
260
% L0
100.00%
100.00%
100.00%
100.00%
266
266
266
266
260
256
241
90.60%
19.17%
150
51
100.00%
125ºC
25ºC
96.24%
% L0
100.00%
100.00%
CONDITION : 100KHz,1.0V
56.39%
62.45%
97.74%
0
50
100
150
200
250
300
0
10
20
30
40
50
25ºC
125ºC
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
45
50
55
60
DC BIAS(A)
DC BIAS(A)
DC BIAS(A)
T(ºC)
0
0
0 Minutes
10 Minutes
5
0.4
5 Minutes
15
1.7
15 Minutes
10
0.8
20
3
20 Minutes
30 Minutes
25
5.7
25 Minutes
35
14.8
35 Minutes
30
9.4
40 Minutes
45
26.1
45 Minutes
55
37.8
55 Minutes
40
20.3
CONDITION : 100KHz,1.0V
60
45.1
60 Minutes
50
31.7
50 Minutes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com